Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N22TXV Datasheet(PDF) 4 Page - OPTEK Technologies

Part # 4N22TXV
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N22TXV Datasheet(HTML) 4 Page - OPTEK Technologies

  4N22TXV Datasheet HTML 1Page - OPTEK Technologies 4N22TXV Datasheet HTML 2Page - OPTEK Technologies 4N22TXV Datasheet HTML 3Page - OPTEK Technologies 4N22TXV Datasheet HTML 4Page - OPTEK Technologies 4N22TXV Datasheet HTML 5Page - OPTEK Technologies 4N22TXV Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 4 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBO
L
PARAMETER
MIN
TYP
MAX UNITS
TEST CONDITIONS
Coupled
On-State Collector Current
4N22, 4N22A (COTS, TX, TXV)
4N22, 4N22A (COTS, TX, TXV)
4N22, 4N22A (COTS, TX, TXV)
4N22, 4N22A (COTS, TX, TXV)
0.15
2.50
1.00
1.00
-
-
-
-
-
-
-
-
mA
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = -55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
4N23, 4N23A (COTS, TX, TXV)
4N23, 4N23A (COTS, TX, TXV)
4N23, 4N23A (COTS, TX, TXV)
4N23, 4N23A (COTS, TX, TXV)
0.20
6.00
2.50
2.50
-
-
-
-
-
-
-
-
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = -55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
4N24, 4N24A (COTS, TX, TXV)
4N24, 4N24A (COTS, TX, TXV)
4N24, 4N24A (COTS, TX, TXV)
4N24, 4N24A (COTS, TX, TXV)
0.40
10.0
4.00
4.00
-
-
-
-
-
-
-
-
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = -55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
4N47, 4N47A (COTS, TX, TXV)
4N47, 4N47A (COTS, TX, TXV)
4N47, 4N47A (COTS, TX, TXV)
0.50
0.70
0.50
-
-
-
-
-
-
IF = 1.0 Ma, VCE = 5.0 V, IB = 0
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = -55° C
(1)
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = 100° C
(1)
4N48, 4N48A (COTS, TX, TXV)
4N48, 4N48A (COTS, TX, TXV)
4N48, 4N48A (COTS, TX, TXV)
1.00
1.40
1.00
-
-
-
5
-
-
IF = 1.0 mA, VCE = 5.0 V, IB = 0
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = -55° C
(1)
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = 100° C
(1)
4N49, 4N49A (COTS, TX, TXV)
4N49, 4N49A (COTS, TX, TXV)
4N49, 4N49A (COTS, TX, TXV)
2.00
2.80
2.00
-
-
-
10
-
-
IF = 1.0 mA, VCE = 5.0 V, IB = 0
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = -55° C
(1)
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = 100° C
(1)
ICB(ON)
On-State Collector Base
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
30
-
-
µA
VCB = 5 V, IE = 0, IF = 10 mA
VCE(SAT)
Collector-Emitter Saturation Voltage
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N47A (COTS, TX, TXV)
4N48, 4N48A (COTS, TX, TXV)
4N49, 4N49A (COTS, TX, TXV)
-
-
-
-
-
-
-
-
-
-
-
-
0.30
0.30
0.30
0.30
0.30
0.30
V
IF = 20 mA , IC = 2.5 mA, IB = 0
IF = 20 mA , IC = 5.0 mA, IB = 0
IF = 20 mA , IC = 10.0 mA, IB = 0
IF = 2.0 mA, IC = 0.5 mA, IB = 0
IF = 2.0 mA, IC = 1.0 mA, IB = 0
IF = 2.0 mA, IC = 2.0 mA, IB = 0
HFE
DC Current Gain
4N22, 4N22A (COTS, TX, TXV)
4N23, 4N23A (COTS, TX, TXV)
4N24, 4N24A (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
200
300
400
100
-
-
-
-
-
-
-
-
V
VCE = 5.0 V , IC = 10.0 mA, IF = 0 mA
VCE = 5.0 V , IC = 10.0 mA, IF = 0 mA
VCE = 5.0 V , IC = 10.0 mA, IF = 0 mA
VCE = 5.0 V , IC = 10.0 mA, IF = 0 mA
RIO
Resistance (Input-to-Output)
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
1011
1011
-
-
-
-
V10 = ± 1.0 VDC
(3)
VI-O = ± 1000 VDC
(3)
CIO
Capacitance (Input-to-Output)
-
-
5
pF
VI-O = 0 V, f = 1.0 MHz
(3)
IC(ON)
Notes:
1. Guaranteed but not tested.
2. Sample tested, LTPD = 10.
3. Measured with input leads shorted together and output leads shorted together.


Similar Part No. - 4N22TXV

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4N22TXV TTELEC-4N22TXV Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

Similar Description - 4N22TXV

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com