Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB350W187Z Datasheet(PDF) 11 Page - OPTEK Technologies

Part # OPB350W187Z
Description  Auto-Calibration Design Kit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB350W187Z Datasheet(HTML) 11 Page - OPTEK Technologies

Back Button OPB350W187Z Datasheet HTML 7Page - OPTEK Technologies OPB350W187Z Datasheet HTML 8Page - OPTEK Technologies OPB350W187Z Datasheet HTML 9Page - OPTEK Technologies OPB350W187Z Datasheet HTML 10Page - OPTEK Technologies OPB350W187Z Datasheet HTML 11Page - OPTEK Technologies OPB350W187Z Datasheet HTML 12Page - OPTEK Technologies OPB350W187Z Datasheet HTML 13Page - OPTEK Technologies OPB350W187Z Datasheet HTML 14Page - OPTEK Technologies OPB350W187Z Datasheet HTML 15Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
OPTEK gives you the tools to help you take your ideas to market.
USING THE OPB732CZ WITH THE OCB100CZ
Connect the OCB100CZ to a power source as described on page 7
“Powering up the OCB100CZ”.
Plug the OPB732CZ connector into the 4 pin Molex mating connec-
tor on the OCB100CZ , and then apply power to the circuit. Adjust the
phototransistor emitter load resistor to equal approximately 10Kohms
(RL @10K) by placing the shorting bar on the board betweens pins 2 &
3 (see table on pg. 9) of the header. Point the OPB732CZ at a sheet of
white paper and position its front surface about ½ ” from the paper.
While holding the sensor in this position, momentarily ground the pin
4 of connector J1 by touching the green wire of the mating connector
to the black wire (ground) of the mating connector.
After approximately 2-3 seconds you should see an onboard green
LED flash three times to indicate that the sensor has been calibrated
at the distance it is held from the paper. If the unit calibrated correctly,
and you have not allowed the sensor to move from the position it was
calibrated at, there will be no LEDs lit on the calibration PCB. This
means that the LED drive has ramped up to a current level sufficient to
generate an output voltage level (V
OUT ) @ to ½ Vcc.
Now slowly move the sensor away from the sheet of paper until a
green LED lights on the PCB. This light indicates that V
OUT has dropped
to 1/3 Vcc or less. As you move the sensor closer to the paper, this
green LED will go out and then come back on at a distance very close to
the surface of the paper. At some distance between the two distances


Similar Part No. - OPB350W187Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB350W187Z OPTEK-OPB350W187Z Datasheet
480Kb / 4P
   Tube Liquid Sensor
logo
TT Electronics.
OPB350W187Z TTELEC-OPB350W187Z Datasheet
3Mb / 1P
   Tube Liquid Sensor
More results

Similar Description - OPB350W187Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OCB100-KIT TTELEC-OCB100-KIT Datasheet
715Kb / 24P
   Auto-Calibration Design Kit
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com