Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP224 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP224
Description  Hermetic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP224 Datasheet(HTML) 1 Page - OPTEK Technologies

  OP224 Datasheet HTML 1Page - OPTEK Technologies OP224 Datasheet HTML 2Page - OPTEK Technologies OP224 Datasheet HTML 3Page - OPTEK Technologies OP224 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/07
Page 1 of 4
Hermetic Infrared Emitting Diode
OP123, OP124
OP223, OP224
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
Door sensor
Description:
Each OP123 and OP124 device is a 935 nanometer (nm) high intensity gallium arsenide infrared emitting diode
(GaAs), mounted in a miniature hermetically sealed “pill” package with an enhanced temperature range and a high
power output. These devices are designed for direct mounting to PCBoards.
Each OP223 and OP224 device is an 890 nm gallium aluminum arsenide infrared emitting diode (GaAIAs),
mounted in a hermetically sealed “pill” package with an enhanced temperature range and a narrow irradiance
pattern that provides high on-axis intensity for excellent coupling efficiency. These devices offer significantly higher
power output than GaAs at equivalent drive currents and have a wavelength that is matched to silicon’s peak
response. Their small package size permits high device density mounting.
All these LEDs are mechanically and spectrally matched to the OP300 series, OP600 series and OP640 series
devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation)
data, and to Application Bulletin 202 for pill-type soldering to PCBoard.
Features:
Hermetically sealed package
Mechanically and spectrally matched to other OPTEK devices
Designed for direct mount to PCBoard
Ordering Information
Part
Number
LED Peak
Wavelength
Total Beam
Angle
OP123
935 mm
24°
OP124
OP223
890 mm
OP224
RoHS
1
2
Pin #
LED
1
Anode
2
Cathode
Sensor
Collector
Emitter
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:


Similar Part No. - OP224

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP224 OPTEK-OP224 Datasheet
302Kb / 2P
   GAAIAS HERMETIC INFRARED EMITTING DIODES
OP224 OPTEK-OP224 Datasheet
447Kb / 3P
   Hi-Reliability GaAIAs Infrared Emitting Diode
OP224 OPTEK-OP224 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP224 TTELEC-OP224 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
OP224K TTELEC-OP224K Datasheet
326Kb / 3P
   High Speed, High Power, Hermetic Infrared Emitting Diode
More results

Similar Description - OP224

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com