Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP215A Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP215A
Description  Hermetic Infrared Emitting Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP215A Datasheet(HTML) 2 Page - OPTEK Technologies

  OP215A Datasheet HTML 1Page - OPTEK Technologies OP215A Datasheet HTML 2Page - OPTEK Technologies OP215A Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
06/08
Page 2 of 3
Hermetic Infrared Emitting Diode
OP215, OP216
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-65o C to +150o C
Reverse Voltage
2.0 V
Continuous Forward Current
100 mA
Peak Forward Current (2µs pulse with 0.1% duty cycle)
1.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)(2)
Power Dissipation
150 mW(3)
Operating Temperature Range
-65o C to +125o C
Notes:
1. Refer to Application Bulletin 202 which reviews proper soldering techniques for pill-type devices.
2. No clean or low solids. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3. Derate linearly 1.50 mW/° C above 25° C.
4. For OP216, EE(APT) is a measurement using a 0.180” (4.57 mm) diameter apertured sensor placed 0.653” (16.59 mm) from the lens
tip. EE(APT) is not necessarily uniform within the measured area.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
(3)
Apertured Radiant Incidence
OP216A
OP216B
OP216C
OP216D
1.20
0.60
0.30
0.20
-
-
mW/cm2
IF = 50 mA
(4)
VF
Forward Voltage
-
-
1.80
V
IF = 50 mA
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
-
890
-
nm
IF = 10 mA
B
Spectral Bandwidth between
Half Power Points
-
80
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
-
+0.18
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
-
24
-
Degree IF = 50 mA
tr
Output Rise Time
-
500
-
ns
tf
Output Fall Time
-
250
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%


Similar Part No. - OP215A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP215A TTELEC-OP215A Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
Analog Devices
OP215AJMDA AD-OP215AJMDA Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215AJMDA AD-OP215AJMDA Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215AZMDA AD-OP215AZMDA Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215AZMDA AD-OP215AZMDA Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
More results

Similar Description - OP215A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com