Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1049NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # H1049NL
Description  For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1049NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  H1049NL Datasheet HTML 1Page - Pulse A Technitrol Company H1049NL Datasheet HTML 2Page - Pulse A Technitrol Company H1049NL Datasheet HTML 3Page - Pulse A Technitrol Company H1049NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pulseeng.com
4
H322.M (9/09)
Ø .059 MIN
1.50
A
Po
A
Ao
USER DIRECTION OF FEED
8.
.453
11,51
.945 ± .012
24,00
0,31
.069
1,75
Ø .059
1.50
.079
2,01
.157
3.99
R .012 MIN
0,30
.200
5,08
.500
12,70
DIM CHART
Ao .610/15,50
Bo.535/13,59
Ko .190/4,83
Po .945/24,00
Bo
3° MAX
DRAFT
Ko
SECTION
A–A
.016
0,41
.016
3,81
R .010
0,25
A
Po
A
Ao
USER DIRECTION OF FEED
8.
.945 ± .012
24,00
0,31
.079
2,01
.157
3.99
R .500
12,7
DIM CHART
Ao .800/20,32
Bo .555/14,10
Ko .270/6,90
Po .945/24,00
Bo
3° MAX
DRAFT ANGLE
Ko
SECTION
A–A
.230
5,84
.020 ± .002
0,51 ± 0,05
.453
11,51
.039
1,00
.039
1,00
19°
.616
15,64
.069
1,75
Ø .059 +.004 -.000
1.50 0,10 0,00
Ø .059
1.50
MIN
.157
3,99
.079
2,01
5" MAX.
DRAFT ANGLE
1.13
28,70
.945
24,00
.012
0,30
1.73
43,94
1.59
40,39
.795
20,19
.069
1,75
.230
15,84
.270
6,86
.740
18,80
.059
1,50
o
.004
0,10
.000
0,00
8
H1174NL, H1244NL, H1270NL
Weight . . . . . . .4.0 grams TYP
Tube . . . . . . . . . . . . . . 15/tube
Tape & Reel . . . . . . . 250/reel
H1XXXNL
Weight . . . . . . . . 1.5 grams TYP
Tube . . . . . . . . . . . . . . . 35/tube
Tape & Reel . . . . . . . . . 500/reel
HX1294NL
Tape & Reel Specifications
10/100BASE-TX DUAL PORT
TRANSFORMER MODULES
For Use with Transceivers Requiring
1:1 Transmit and Receive Turns Ratios
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade
Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
Hwigh-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Rd. West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4643715
Fax: 886 3 4641911
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2009. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - H1049NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1049NL PULSE-H1049NL Datasheet
186Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1049NL PULSE-H1049NL Datasheet
184Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1049NL PULSE-H1049NL Datasheet
708Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1049NL PULSE-H1049NL Datasheet
184Kb / 4P
   10/100BASE-TX DUAL PORT TRANSFORMER MODULES
More results

Similar Description - H1049NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1012T PULSE-H1012T Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1015NL PULSE-H1015NL Datasheet
93Kb / 2P
   TRANSFORMER MODULES With Various Transmit Turns Ratios
H303 PULSE-H303 Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1197FNL PULSE-H1197FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
H1259NL PULSE-H1259NL Datasheet
866Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
HX1260NLT PULSE-HX1260NLT Datasheet
973Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
HX2019FNL PULSE-HX2019FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
H1260NL PULSE-H1260NL Datasheet
969Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
HX1260FNL PULSE-HX1260FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
logo
Analog Devices
ADL6317 AD-ADL6317 Datasheet
1Mb / 38P
   Transmit VGA for Use with RF DACs and Transceivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com