Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB701Z Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OPB701Z
Description  Reflective Object Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB701Z Datasheet(HTML) 4 Page - OPTEK Technologies

  OPB701Z Datasheet HTML 1Page - OPTEK Technologies OPB701Z Datasheet HTML 2Page - OPTEK Technologies OPB701Z Datasheet HTML 3Page - OPTEK Technologies OPB701Z Datasheet HTML 4Page - OPTEK Technologies OPB701Z Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A1
02/07
Page 4 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB700Z, OPB700ALZ, OPB701Z, OPB701ALZ
OPB700 - Normalized Collector Current
vs Distance
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Distance(inches)
Kodak 90%
Kodak 18%
Copier Paper
Avery Label
Retro Reflective
Normalized with Kodak 90% and
Distance = 0.15"
OPB700 - Normalized Collector Current
vs Forward Current vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
40
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
Normalized Collector Current at 20mA and 20°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled Parameters OPB700Z, OPB700ALZ (Phototransistor)
IC(ON)
Collector current
0.10
-
2.50
mA
VCE = 5.0V
(1), IF = 40mA
VCE(SAT)
Saturation Voltage
-
-
0.40
V
IC = 10µA, IF = 40mA
ICX
Leakage Current
-
-
2.00
µA
VCE = 5.0V, IF = 40mA,
NO Reflective Surface
IC(ON)
Collector current
2.50
-
43.00
mA
VCE = 5.0V
(1)
VCE(SAT)
Saturation Voltage
-
-
1.10
V
IC = 10µA, IF = 40mA
ICX
Leakage Current
-
-
20.0
µA
VCE = 5.0V, IF = 40mA,
NO Reflective Surface
Coupled Parameters OPB701Z, OPB701ALZ (Photodarlington)
Notes:
(1) Measured using Eastman Kodak neutral white test card with 90% diffuse reflectance as a reflecting surface. Reference: Eastman Kodak,
Catalog # E 152 7795.


Similar Part No. - OPB701Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB701Z TTELEC-OPB701Z Datasheet
1Mb / 6P
   Reflective Object Sensor
More results

Similar Description - OPB701Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com