Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB755NZ Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB755NZ
Description  Reflective Object Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB755NZ Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB755NZ Datasheet HTML 1Page - OPTEK Technologies OPB755NZ Datasheet HTML 2Page - OPTEK Technologies OPB755NZ Datasheet HTML 3Page - OPTEK Technologies OPB755NZ Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com
Issue A.3
05/08
Page 3 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB750N, OPB750T
OPB755NZ, OPB755TZ, OPB755TAZ
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 1.67 mW/° C above 25° C.
(3) Methanol or isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and
ketones.
(4) Photocurrent is measured using an Eastman Kodak neutral white test card having 90% diffuse reflectance as a reflecting
surface. Reference: Eastman Kodak, Catalog #E 152 7795.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP240 for additional information)
VF
Forward Voltage
-
-
1.8
V
IF = 40 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor (see OP550 for additional information)
V(BR)CEO
Collector-Emitter Breakdown Voltage
24
-
-
V
IC = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, H = 0
VCE(SAT)
Saturation Voltage
-
-
.40
V
IC = 150 µA, IF = 30 mA, d = 0.22”
IC(OFF)
Off-State Collector Current
(5)
-
-
250
nA
IF = 30 mA, VCE = 5 V
d = 0.08”, 0.15”, 0.22”
Coupled
IC(ON)
On-State Collector Current
(4)
500
375
250
-
-
-
-
-
-
µA
IF = 30 mA, VCE = 5 V, d = 0.08”
IF = 30 mA, VCE = 5 V, d = 0.15”
IF = 30 mA, VCE = 5 V, d = 0.22”
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Operating and Storage Temperature Range
OPB750N, OPB750T
OPB755NZ, OPB755TZ, OPB755TAZ
-40° C to + 85° C
-40° C to + 80° C
Lead Soldering Temperature
(1)
260° C
Input Diode
Forward DC Current
50 mA
Reverse DC Voltage
2 V
Power Dissipation
100 mW
Output Phototransistor
Collector-Emitter Voltage
24 V
Collector DC Current
30 V
Power Dissipation
(3)
100 mW
Peak Forward Current (1 µ pulse width, 300 pps)
1 A


Similar Part No. - OPB755NZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB755NZ TTELEC-OPB755NZ Datasheet
165Kb / 4P
   Reflective Object Sensor
More results

Similar Description - OPB755NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com