Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPR2800 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPR2800
Description  Infrared Light Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPR2800 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPR2800_14 Datasheet HTML 1Page - OPTEK Technologies OPR2800_14 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B 03/2012
Page 1 of 2
Infrared Light Emitting Diode
OPR2800, OPR2800T
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Description:
The OPR2800 is a GaAIAs infrared LED mounted in a surface mount chip carrier (SMCC) package with a flat lens
window that allows a wide beam angle. The SMCC format has a lower height profile than the PLCC-2 package
and mounts in the same footprint. The device is suitable for use in single device or array applications. The
OPR2800 is spectrally matched to the OPR5500 phototransistor.
See Application Bulletin 237 for handling instructions.
Features:
High-power GaAIAs
Matches PLCC-2 footprint
875 nm wavelength
Wide beam angle
Wide operating temperature range (-55o C to +100o C)
Pin #
LED
1
Anode
2
Cathode
Applications:
Non-contact position sensing
Datum detection
Ordering Information
Part
Number
LED Peak
Wavelength
Total
Beam Angle
Packaging
OPR2800
875 nm
100°
Waffle Pack
OPR2800T
Tape & Reel
2
1
Machine automation
Optical encoding
Anode Indicator
Warning
: Front
Window is pressure
sensitive. Do not
apply pressure or
high vacuum to
window.


Similar Part No. - OPR2800_14

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2800T OPTEK-OPR2800T Datasheet
259Kb / 2P
   Infrared Light Emitting Diode
logo
TT Electronics.
OPR2800T TTELEC-OPR2800T Datasheet
619Kb / 3P
   Infrared Light Emitting VCSEL
OPR2800T TTELEC-OPR2800T Datasheet
265Kb / 2P
   Infrared Light Emitting Diode
logo
OPTEK Technologies
OPR2800V OPTEK-OPR2800V Datasheet
170Kb / 3P
   Infrared Light Emitting VCSEL
logo
TT Electronics.
OPR2800V TTELEC-OPR2800V Datasheet
619Kb / 3P
   Infrared Light Emitting VCSEL
More results

Similar Description - OPR2800_14

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
   infrared light emitting diode
logo
OPTEK Technologies
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
   Infrared Light Emitting Diode
logo
TT Electronics.
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
   Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-700-524 ROITHNER-ELD-700-524 Datasheet
508Kb / 2P
   Infrared Light Emitting Diode
ELD-850-525 ROITHNER-ELD-850-525 Datasheet
254Kb / 1P
   INFRARED Light Emitting Diode
ELD-1650-525 ROITHNER-ELD-1650-525 Datasheet
254Kb / 1P
   INFRARED Light Emitting Diode
logo
OPTEK Technologies
OPR2800 OPTEK-OPR2800 Datasheet
259Kb / 2P
   Infrared Light Emitting Diode
logo
TT Electronics.
OP180 TTELEC-OP180 Datasheet
1Mb / 8P
   Infrared Light Emitting Diode
logo
OPTEK Technologies
OP205CL OPTEK-OP205CL_14 Datasheet
204Kb / 2P
   Infrared Light Emitting Diode
OP200 OPTEK-OP200 Datasheet
245Kb / 3P
   Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com