Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP298A Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OP298A
Description  Plastic Infrared Emitting Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP298A Datasheet(HTML) 3 Page - OPTEK Technologies

  OP298A Datasheet HTML 1Page - OPTEK Technologies OP298A Datasheet HTML 2Page - OPTEK Technologies OP298A Datasheet HTML 3Page - OPTEK Technologies OP298A Datasheet HTML 4Page - OPTEK Technologies OP298A Datasheet HTML 5Page - OPTEK Technologies OP298A Datasheet HTML 6Page - OPTEK Technologies OP298A Datasheet HTML 7Page - OPTEK Technologies OP298A Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
03/2012
Page 3 of 8
Plastic Infrared Emitting Diode
OP290 Series
Notes:
1. For OP290, OP291, OP292, OP295, OP296 and OP297, refer to graph of Maximum Peak Pulse Current vs Pulse Width.
2. For all OPs in this series, RMA flux is recommended. Duration can be extended to 10 second maximum when soldering. A
maximum of 20 grams force may be applied to the leads when flow soldering.
3. For OP290, OP291, OP292, OP295, OP296 and OP297, measured in free-air. Derate linearly 3.33 mW/° C above 25° C.
4. For OP290, OP291and OP292, mounted on 1/16” (1.6 mm) thick PCBoard with each lead soldered through 80 mil square lands
0.250” (6.35 mm) below flange of device. Derate linearly 5.33 mW/°C above 62.5°. For OP293 and OP298, mounted on 1/16” (1.60
mm) thick PCBoard with each lead soldered through 80 mil square lands 0.250” (6.35 mm) below flange of device. Derate power
dissipation linearly 2.00 mW/°C above 25° C (normal use). For OP295, OP296 and OP297, mounted on 1/16” (1.6 mm) thick
PCBoard with each lead soldered through 80 mil square lands 0.250” (6.35 mm) below flange of device. Derate linearly 5.33 mW/°C
above
25° C.
5. Immersed in silicone fluid to simulate infinite heat sink. For OP290, OP291 and OP292, derate linearly 11.1 mW/°C above 95°C. For
OP293 and OP298, derate power dissipation linearly 2.50 mW/° C above 25° C. For OP295, OP296 and OP297, derate linearly 11.1
mW/° C above 25° C.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature Range
-40o C to +100o C
Reverse Voltage
OP290, OP292, OP294, OP295, OP297, OP299
OP291, OP293, OP296, OP298
5.0 V
2.0 V
Continuous Forward Current
OP290, OP291, OP292
OP294, OP295, OP299
OP295, OP296, OP297
150 mA(1)
100 mA(1)
150 mA(1)
Continuous Forward Current, OP293, OP298
Free Air
Board Mounted
Full Heat Sink
100 mA
133 mA
200 mA
Peak Forward Current
OP290, OP295 (25 µs pulse width)
OP291, OP296 (100 µs pulse width)
OP292, OP297 (100 µs pulse width)
OP293, OP298 (25 µs pulse width)
OP294, OP299
5.0 A
2.0 A
1.00 A
2.0 A
750 mA
Notes:
1. For OP290, OP291, OP292, OP295, OP296 and OP297, derate linearly 1.67 mA/° C above 25° C (free-air). When used with heat
sink (see note 5), derate linearly 2.07 mA/° C above 65° C (normal use). For OP293 and OP298, when measured in free-air, derate
power dissipation linearly 1.43 mW/° C above 25° C. For OP294 and OP299, derate linearly 1.80 mW/° C above 25° C.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Maximum Duty Cycle
OP290 (25 µs pulse width @ 5 A)
1.25%(1)
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(2)
Power Dissipation, Free Air
OP290, OP291, OP292, OP295, OP296, OP297
OP293, OP298
Power Dissipation, Board Mounted
OP290, OP291, OP292, op295, OP296, OP297
OP293, OP298
Power Dissipation, Full Heat Sink
OP290, OP291, OP292, OP295, OP296, OP297
OP293, OP298
333 mW(3)
142 mW(3)
533 mW(4)
200 mW(4)
1.11 W(5)
400 mW(5)
Power Dissipation
OP294, OP299
180 mW


Similar Part No. - OP298A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP298A OPTEK-OP298A Datasheet
505Kb / 4P
   GaAlAs Plastic Infrared Emitting Diodes
OP298A OPTEK-OP298A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP298A TTELEC-OP298A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP298AA OPTEK-OP298AA Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP298AA TTELEC-OP298AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP298A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com