Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNW2211 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNW2211
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNW2211 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCNW2211 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCNW2211 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
(HCNW22XX ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤600 V rms
I-IV
for rated mains voltage ≤1000 V rms
I-III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
1414
V
peak
Input to Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
V
PR
2652
V
peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM x 1.5 = VPR, Type and sample test,
V
PR
2121
V
peak
t
m = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, t
ini = 10 sec)
V
IOTM
8000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 12, Thermal Derating curve.)
Case Temperature
T
S
150
°C
Current (Input Current I
F, PS = 0)
I
S,INPUT
400
mA
Output Power
P
S,OUTPUT
700
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥109
Ω
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in applica-
tion.


Similar Part No. - HCNW2211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNW2211 HP-HCNW2211 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCNW2211 HP-HCNW2211 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCNW2211 HP-HCNW2211 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW2211 AVAGO-HCNW2211 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCNW2211 AVAGO-HCNW2211 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Similar Description - HCNW2211

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com