Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57C128FB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 57C128FB
Description  MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 16K X 8-BIT ULTRA VIOLET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

57C128FB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  57C128FB Datasheet HTML 1Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 2Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 3Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 4Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 5Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 6Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 7Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 8Page - List of Unclassifed Manufacturers 57C128FB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87661
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
G
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing describes device requirements for MIL-STD-883 compliant, non-JAN class level B microcircuits in
accordance with MIL-PRF-38535, appendix A.
1.2 Part or Identifying Number (PIN). The complete PIN is as shown in the following example:
5962-87661
01
X
A
Drawing number
Device type
(see 1.2.1)
Case outline
(see 1.2.2)
Lead finish
(see 1.2.3)
1.2.1 Device type(s). The device type(s) identify the circuit function as follows:
Device type
Generic number 1/
Circuit function
Access time
01
27C128
16K x 8-bit UVEPROM
90 ns
02
27C128
16K x 8-bit UVEPROM
120 ns
03
27C128
16K x 8-bit UVEPROM
150 ns
04
27C128
16K x 8-bit UVEPROM
170 ns
05
27C128
16K x 8-bit UVEPROM
200 ns
06
27C128
16K x 8-bit UVEPROM
250 ns
07
27C128
16K x 8-bit UVEPROM
300 ns
08
27C128
16K x 8-bit UVEPROM
70 ns
1.2.2 Case outline(s). The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style 1/
X
GDIP1-T28 or CDIP2-T28
28
dual-in-line package
Y
CQCC1-N32
32
rectangular leadless chip carrier
1.2.3 Lead finish. The lead finish is as specified in MIL-PRF-38535, appendix A.
1.3 Absolute maximum ratings.
2/
Supply voltage range (VCC) 2/ .....................................................
-0.6 V dc to 6.25 V dc
Supply voltage range (VPP) 2/ .....................................................
-0.6 V dc to 14.0 V dc
All input voltage range except A9 2/ ..........................................
-0.6 V dc to 6.25 V dc
Input voltage range (A9) 2/ ..........................................................
-0.6 V dc to 13.5 V dc
Output voltage range 2/ ..............................................................
-0.6 V dc to VCC + 1.0 V dc
Storage temperature range ........................................................
-65
C to +150C
Power dissipation ........................................................................
300 mW
Lead temperature (soldering, 10 seconds) ..................................
+300
C
Thermal resistance, junction-to-case (
θ
JC) ...................................
See MIL-STD-1835
Junction temperature (TJ) ..........................................................
+150
C 3/
Data retention ............................................................................
10 years minimum
1.4 Recommended operating conditions.
Supply voltage range (VCC) 4/ ....................................................
4.5 V dc to 5.5 V dc
Supply voltage range (VPP) 5/ .....................................................
4.5 V dc to 5.5 V dc
High level input voltage range (VIH)..............................................
2.0 V dc to 6.5 V dc (TTL)
High level input voltage range (VIH)..............................................
VCC -0.2 V dc to VCC +0.2 V dc (CMOS)
Low level input voltage range (VIL) .............................................
-0.1 V dc to 0.8 V dc (TTL)
Low level input voltage range (VIL) .............................................
GND -0.2 to GND +0.2 V dc (CMOS)
Case operating temperature range (TC) ......................................
-55
C to +125C
1/ Lid shall be transparent to permit ultraviolet light erasure.
2/ Under absolute maximum ratings, voltages are with respect to GND.
3/ Maximum junction temperature may be increased to +175
C during burn-in and steady-state life.
4/ VCC must be applied before or at the same time as VPP and removed after or at the same time as VPP. The device must
not be inserted into or removed from the board when VPP or VCC is applied.
5/ VPP can be connected to VCC directly (except in the program mode). VCC supply current in this case would be ICC + IPP.
During programming, VPP must be maintained at 12.5 V (±0.5 V).


Similar Part No. - 57C128FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
57C43C-25 STMICROELECTRONICS-57C43C-25 Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-35 STMICROELECTRONICS-57C43C-35 Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-45 STMICROELECTRONICS-57C43C-45 Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-55 STMICROELECTRONICS-57C43C-55 Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-70 STMICROELECTRONICS-57C43C-70 Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
More results

Similar Description - 57C128FB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PS-AT65609EHW ATMEL-PS-AT65609EHW Datasheet
532Kb / 30P
   MICROCIRCUIT, DIGITAL, MEMORY, 8K x 8-Bit, 5V Very Low Power CMOS SRAM, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-8866 ETC2-5962-8866 Datasheet
170Kb / 22P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 32K X 8 STATIC RAM (SRAM), MONOLITHIC SILICON
5962-90899 ETC1-5962-90899 Datasheet
207Kb / 27P
   MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
List of Unclassifed Man...
5962-9314401MZC ETC-5962-9314401MZC Datasheet
266Kb / 27P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, UV ERASABLE CMOS, UV ERASABLE MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com