Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP9011ABZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP9011ABZ
Description  Engine Knock Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9011ABZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP9011ABZ Datasheet HTML 3Page - Intersil Corporation HIP9011ABZ Datasheet HTML 4Page - Intersil Corporation HIP9011ABZ Datasheet HTML 5Page - Intersil Corporation HIP9011ABZ Datasheet HTML 6Page - Intersil Corporation HIP9011ABZ Datasheet HTML 7Page - Intersil Corporation HIP9011ABZ Datasheet HTML 8Page - Intersil Corporation HIP9011ABZ Datasheet HTML 9Page - Intersil Corporation HIP9011ABZ Datasheet HTML 10Page - Intersil Corporation HIP9011ABZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN4367.2
January 6, 2006
Integration is enabled by the rising edge of the input control
signal INT/HOLD. Within 20
µs after the integrate input
reaches a logic high level, the output of the integrator will fall
to approximately VRESET, 0.125V. The output of the
integrator is an analog voltage.
Differential to Single-Ended Converter
This circuit takes the differential output of the integrators
(through the test-multiplexer circuit) and provides a signal
that is the sum of the two signals. This technique is used to
improve the noise immunity of the system.
Output Buffer
This output amplifier is the same amplifier circuits as the
input amplifier used to interface with the sensors. For
diagnostic purposes when the output of the antialias filter is
being evaluated, this amplifier is in the power down mode.
Test Multiplexer
This circuit receives the positive and negative outputs from
the integrator, together with the outputs from different parts
of the IC. The Test Mux output is controlled by the fifth
programming word of the communications protocol. This
multiplexes the switch capacitor filter output, the gain control
output and the antialias filter output.
SPI Communications Protocol
Communicating to the Knock Sensor via the SPI Bus
(MOSI). A chip select pin (CS) is used to enable the chip,
which, in conjunction with the SPI clock (SCK), which moves
an eight bit programming word. Five different programming
words are used to set the following internal programmable
registers: GAIN, BANDPASS FREQUENCY FILTER,
INTEGRATOR TIME CONSTANT, CHANNEL SELECT, SO
output mode, and TEST MODES.
When chip select (CS) goes low, on the next falling edge of
the SPI clock (SCK), data is latched into the SPI register.
The data is shifted with the most significant bit first and least
significant bit last. Each word is divided into two parts: first
the address and then the value. Depending on the function
being controlled, the address is 2 or 3 bits, and the value is
either 5 or 6 bits long. All five programming words can be
entered into the IC during the HOLD mode of operation. The
integration or hold mode of operation is controlled by the
INT/HOLD input signal.
Programming Words
1. Band Pass Filter Frequency: Defines the center
frequency of the Band Pass Filter in the system. The first
2 bits are used for the address and the last 6 bits are used
for its value. 00FFFFFF Example: 00001010 would be
the Band Pass Filter at a center frequency of 1.78kHz (bit
value of 10 in Table 3).
2. Gain Control: defines the value of the gain stage
attenuation of gain setting. The first 2 bits are again used
for the address and the last 6 bits for its value.
10GGGGGG Example: 10010100 would be the Gain
Control (10 for the first two bits) with an attenuation of
0.739 (bit value of 20 in Table 3).
3. Integrator Time Constant: Defines the Integration Time
Constant for the system. The first 3 bits are used for the
address and the last 5 bits for the value. 110TTTTT
Example: 11000011 would be the Integrator Time
Constant (110 for the first 3 bits) and an Integration Time
Constant of 55
µs (bit value 3 in Table 3).
4. Test/Channel Select Control: Again the first three bits, 111
are the address for this function, and the last five bits
define the functions that may be programmed. Example:
111B4B3B2B1B0; The options are:
A) If B0 is “0”, than channel 0 is selected. If B0 is “1”;
than channel 1 is selected as the input.
B) The remaining bits are used for selection of the various
diagnostic modes. TEST pin (14) = low. Not applicable
in Run Mode.
5. Prescaler/SO terminal status: Defines the division ratio of
the internal frequency prescaler and the status of the SO
terminal, pin 11. P1 to P4 bits define the frequency that
may be used with an external clock. The status of the
three state SO pin is set by the last, Z bit.
01P5P4P3P2P1Z; Example: 0100000, Note, in this case
bit P5 is not used. (01 for the first 2 bits sets the
Prescaler/SO function) P1 to P4 set Prescaler for a clock
frequency of 4MHz and the last bit sets the S0 terminal to
an active state.
HIP9011


Similar Part No. - HIP9011ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011ABZ INTERSIL-HIP9011ABZ Datasheet
245Kb / 11P
   Engine Knock Signal Processor
HIP9011ABZ INTERSIL-HIP9011ABZ Datasheet
251Kb / 11P
   Engine Knock Signal Processor
logo
Renesas Technology Corp
HIP9011ABZ RENESAS-HIP9011ABZ Datasheet
537Kb / 11P
   Engine Knock Signal Processor
More results

Similar Description - HIP9011ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP9011ABT INTERSIL-HIP9011ABT Datasheet
251Kb / 11P
   Engine Knock Signal Processor
logo
Renesas Technology Corp
HIP9011 RENESAS-HIP9011 Datasheet
537Kb / 11P
   Engine Knock Signal Processor
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
   Engine Knock Signal Processor
HIP9011 INTERSIL-HIP9011_06 Datasheet
245Kb / 11P
   Engine Knock Signal Processor
HIP9010 INTERSIL-HIP9010 Datasheet
81Kb / 12P
   Engine Knock Signal Processor
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
logo
BOSER Technology Co., L...
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
   ULV Intel짰 Celeron짰 Processor Embedded Engine Board
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
Texas Instruments
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com