Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL13-VY0DD Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL13-VY0DD
Description  HLMP-EGxx, HLMP-ELxx and HLMP-EHxx T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL13-VY0DD Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL13-VY0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL13-VY0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image

Part Numbering System
Absolute Maximum Ratings at TA = 25°C
DCForwardCurrent[1]
50mA
PeakPulsedForwardCurrent
100mA
AverageForwardCurrent
30mA
ReverseVoltage(Ir=100µA)
5V
OperatingTemperature
–40°Cto+100°C
StorageTemperature
–40°Cto+100°C
Notes:
1. DeratelinearlyasshowninFigure4.
HLMP – E x x x - x x x x x
Mechanical Options
00 : Bulk Packaging
DD : Ammo Pack
YY : Flexi-Bin; Bulk Packaging
ZZ : Flexi-Bin; Ammo Pack
Color Bin Selections
0 : Full color distribution
2 : Amber color bin 2 only
4 : Amber color bin 4 only
K : Amber color bin 2 and 4 only
Z : Special Vf Bin Range
Maximum Intensity Bin
0 : No maximum intensity bin limitation
Minimum Intensity Bin
Viewing Angle and Lead Standoffs
12 : 15 deg without lead standoffs
13 : 15 deg with lead standoffs
22 : 23 deg without lead standoffs
23 : 23 deg with lead standoffs
35 : 30 deg without lead standoffs
37 : 30 deg with lead standoffs
Color
G : 626nm Red
H : 615nm Red-Orange
L : 590nm Amber
Note:PleaserefertoAB5337forcompleteinformationonpartnumberingsystem.


Similar Part No. - HLMP-EL13-VY0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL13-VY0DD AVAGO-HLMP-EL13-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Similar Description - HLMP-EL13-VY0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Fairchild Semiconductor
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Fairchild Semiconductor
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com