Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70MRCK16-HL Datasheet(PDF) 6 Page - Grayhill, Inc

Part # 70MRCK16-HL
Description  For use with System 50 Style Controllers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70MRCK16-HL Datasheet(HTML) 6 Page - Grayhill, Inc

  70MRCK16-HL Datasheet HTML 1Page - Grayhill, Inc 70MRCK16-HL Datasheet HTML 2Page - Grayhill, Inc 70MRCK16-HL Datasheet HTML 3Page - Grayhill, Inc 70MRCK16-HL Datasheet HTML 4Page - Grayhill, Inc 70MRCK16-HL Datasheet HTML 5Page - Grayhill, Inc 70MRCK16-HL Datasheet HTML 6Page - Grayhill, Inc 70MRCK16-HL Datasheet HTML 7Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
System 50
SCHEMATIC: Part Nos. 70RCK16 and 70MRCK16
SCHEMATIC: Part No. 70LRCK16-HL, -DIN
System 50
16
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
9
10
11
12
13
15
17
14
16
18
19
21
23
25
27
29
31
33
20
22
24
26
28
30
32
34
5
6
7
8
9
4
3
2
1
44
46
48
50
36
38
40
42
43
45
47
49
35
37
39
41
31
32
30
29
27
28
26
25
23
24
22
21
19
20
18
17
15
16
14
13
11
12
10
9
7
8
6
5
3
4
2
1
FIELD
WIRING
TERMINAL
STRIP
MODULE
LOCATION
M0
M1
M2
M3
M4
M5
M6
M7
LOGIC
SUPPLY
TERMINAL
STRIP
+
+
123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
+
49
47
45
43
41
39
37
35
33
31
29
27
25
23
21
19
17
15
13
11
9
7
5
3
1
50
48
46
44
42
40
38
36
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
N/C
N/C
N/C
N/C
N/C
N/C
N/C
3.3K
50 PIN EDGE
OR HEADER
CONNECTOR FOR
LOGIC SIGNALS
LOGIC SUPPLY
TERMINAL STRIP
USER INSTALLABLE
JUMPER FOR +VCC
(2 PLACES)
FIELD
WIRING
TERMINAL
STRIP
5A FUSE
MODULE
POSITION


Similar Part No. - 70MRCK16-HL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70MRCK24-EC GRAYHILL-70MRCK24-EC Datasheet
858Kb / 4P
   RACKS 24 Channel (In-Line)
70MRCK24-HL GRAYHILL-70MRCK24-HL Datasheet
858Kb / 4P
   RACKS 24 Channel (In-Line)
70MRCK8-EC GRAYHILL-70MRCK8-EC Datasheet
697Kb / 5P
   RACKS 8 Channel
70MRCK8-HL GRAYHILL-70MRCK8-HL Datasheet
697Kb / 5P
   RACKS 8 Channel
More results

Similar Description - 70MRCK16-HL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70MRCQ24 GRAYHILL-70MRCQ24 Datasheet
569Kb / 3P
   For use with System 50 Style Controllers
70GRCM32 GRAYHILL-70GRCM32 Datasheet
499Kb / 2P
   For Use with MicroDac or PAMUX Controllers
logo
List of Unclassifed Man...
ASP-AUTO-T ETC2-ASP-AUTO-T Datasheet
687Kb / 1P
   Restrike System for use with Electronic HID Ballasts
ASP-AUTO-T ETC2-ASP-AUTO-T Datasheet
162Kb / 1P
   Restrike System for use with Electronic HID Ballasts
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
Mitsubishi Electric Sem...
M52358VP MITSUBISHI-M52358VP Datasheet
843Kb / 15P
   The M52358VP was developed for use with PAL-system VCRs
logo
List of Unclassifed Man...
F880 ETC2-F880 Datasheet
151Kb / 4P
   8-segment redundant fieldbus power system for use with Yokogawa CENTUM 3000 R3 Control System
logo
Toshiba Semiconductor
TA7795F TOSHIBA-TA7795F Datasheet
368Kb / 9P
   DUAL PREAMPLIFIERS FOR AUTO-REVERSE SYSTEM (1.5V USE)
logo
Winchester Electronics ...
KA-39-85 WINCHESTER-KA-39-85 Datasheet
56Kb / 1P
   FOR USE WITH RC-142
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com