Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71A30-02-1-12S-C Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 71A30-02-1-12S-C
Description  Performance and Value Leader
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

71A30-02-1-12S-C Datasheet(HTML) 3 Page - Grayhill, Inc

  71A30-02-1-12S-C Datasheet HTML 1Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 2Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 3Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 4Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 5Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 6Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 7Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 8Page - Grayhill, Inc 71A30-02-1-12S-C Datasheet HTML 9Page - Grayhill, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Multi-Deck Rotary Switches
SERIES 71
.5-.75" Diameter, 1/4 Amp, PC Mount
FEATURES
• Terminals From One Side
• Minimum Board Footprint
• Choice of Shaft/Bushing Diameters
• 30° and 36° Angles of Throw
• Military Qualified MIL-DTL-3786/39
See pages F-39 through F-44 for specifications,
accessories and ordering information.
36° Angle of Throw
Note: Common location for a single pole per
deck switch. For common location on
two pole switches see circuit diagrams.
Dimension A
Dimension A
Dimension B
Approx.
Dimension A
Dimension B
Approx.
No. of
Standard
Military
All
Weight
No. of
Standard
Standard
Weight
Decks
Style
Style
Styles
Grams
Decks
Style
Style
Grams
1
.761 (19,33)
.761 (19,33)
.031 (0,79)
12
7
2.349 (59,66)
.312 (7,92)
24
2
.979 (24,87)
.979 (24,87)
.031 (0,79)
14
8
2.567 (65,20)
.312 (7,92)
26
3
1.197 (30,40)
1.415 (35,94)
.031 (0,79)
16*
9
2.785 (70,74)
.312 (7,92)
28
4
1.415 (35,94)
1.633 (41,49)
.031 (0,79)
18*
10
3.003 (76,28)
.312 (7,92)
30
5
1.633 (41,48)
N.A.
.031 (0,79)
20
11
3.221 (81,81)
.312 (7,92)
32
6
2.131 (54,13)
N.A.
.312 (7,92)
22
12
3.439 (87,35)
.312 (7,92)
34
All dimensions not shown
are the same as above.
DIMENSIONS: Standard and Military In inches (and millimeters)
0.125" Diameter Shaft: Styles AF and MAF (and sealed versions)
Rear Views: Styles AF, BF, MAF, MBF
(and sealed versions)
Military Qualified style MAF
includes a spacer deck between
decks 2 and 3. See dimension chart.
30° and 36° Angle of Throw may be
interposed on either shaft diameter.
30° Angle of Throw
0.250" Diameter Shaft: Styles BF and MBF (and sealed versions)
Military Qualified style MBF
includes a spacer deck between decks
2 and 3. See dimension chart.
Grayhill part number and date code marked on detent cover label. Customer part
number marked on request. Military part number marked when required.
.687 ± .015
(17,45 ± 0,38)
DIA.
.020 ± .003
(0,51 ± 0,08)
TYP.
.203 ± .005
(5,16 ± 0,13)
TERMINAL
NO. 1
.094 ± .010
(2,39 ± 0,25)
C
SEE
CHART
C
L
SHAFT
SHOWN
IN POSITION
ONE
OF
BUSHING
FLATS
C
L
.875 (30°)
.725 (36°) ± .015
(22,23, 18,42
± 0,38)
.125 – .002 + .001
(3,18 – 0,05 + 0,03)
DIA.
1/4-32 UNEF-2A
THREAD
.250 ± .020
(6,35 ± 0,51)
.375 ± .020
(9,53 ± 0,51)
.312 ± .020
(7,92 ± 0,51)
DIM. A ± .046 (1,17)
DIM. B REF.
STUD PROJECTION
(SEE CHARACTER-
ISTICS)
.562
± .015
(14,27
± 0,38)
SEE NOTE
BELOW
C
L
C
L
C
L
.110 ± .010
(2,79 ± 0,25)
TYP.
.412 ± .010
(10,46 ± 0,25)
TYP.
.015
± .002
(0,38
± 0,05)
1
2
10
.500 ± .015
(12,7 ± 0,38)
DIA.
.156 ± .010
(3,96 ± 0,25)
TYP.
SEE
NOTE
.368 (9,35)
REF.
.125 ± .010
(3,18 ± 0,25)
TYP.
.037 ± .005
(0,94 ± 0,13)
TYP.
.075 ± .005
(1,91 ± 0,13)
TYP.
C
L
C
L
1
2
12
.500 ± .015
(12,7 ± 0,38)
DIA.
.368 (9,35)
REF.
.125 ± .010
(3,18 ± 0,25)
TYP.
.156 ± .010
(3,96 ± 0,25)
TYP.
.037 ± .005
(0,94 ± 0,13)
TYP.
.075 ± .005
(1,91 ± 0,13)
TYP.
C
L
C
L
SEE
NOTE
C
SEE
CHART
.219 ± .004
(5,56 ± 0,10)
.687 ± .015
(17,45 ± 0,38)
DIA.
.875 (30°)
.725 (36°) ± .015
(22,23, 18,42
± 0,38)
SHAFT
SHOWN
IN POSITION
ONE
OF
BUSHING
KEYWAY
C
L
3/8 32UNEF-2A
THREAD
.250 – .002 + .001
(6,35 – 0,05 + 0,03)
DIA.
.250 ± .020
(6,35 ± 0,51)
.375 ± .020
(9,53 ± 0,51)
.312 ± .020
(7,92 ± 0,51)
BUSHING KEYWAY .066 ± .002
(1,68 ± 0,05) WIDE BY .036 ± .003
(0,91 ± 0,08) DEEP FROM A
.375 (9,53) DIA.
Angle C is 15° in 12 position switches and 18° in 10 position switches.
*Military style switch is 18 grams for 3 decks and 20 grams for 4 decks.
Rotary
4


Similar Part No. - 71A30-02-1-12S-C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71AD36-3118 GRAYHILL-71AD36-3118 Datasheet
74Kb / 1P
   25,000 Cycles at 125 mA
71ADF36-02-2-AJN GRAYHILL-71ADF36-02-2-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71AY23401 GRAYHILL-71AY23401 Datasheet
74Kb / 1P
   25,000 Cycles at 125 mA
71AY23402 GRAYHILL-71AY23402 Datasheet
74Kb / 1P
   25,000 Cycles at 125 mA
More results

Similar Description - 71A30-02-1-12S-C

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPL0411 ABCO-LPL0411 Datasheet
487Kb / 1P
   LEADER TYPE
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
ABCO ELECTRONICS CO.LTD
LPL0813 ABCO-LPL0813 Datasheet
491Kb / 1P
   LEADER TYPE
logo
Kingston Technology Far...
A2000 KINGSTON-A2000 Datasheet
182Kb / 2P
   Uncompromising performance, amazing value
logo
STMicroelectronics
STM32H730 STMICROELECTRONICS-STM32H730 Datasheet
320Kb / 4P
   High-performance value lines
logo
Honeywell Solid State E...
ML100PS1PG HONEYWELL-ML100PS1PG Datasheet
205Kb / 2P
   High value and outstanding performance No internal elastomeric seals
logo
Amphenol Corporation
10-503140-032 AMPHENOL-10-503140-032 Datasheet
13Mb / 437P
   The Interconnection Leader
logo
Dialight Corporation
553-0711-110F DIALIGHT-553-0711-110F Datasheet
367Kb / 1P
   The Worldwide Leader in LED Technology.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
List of Unclassifed Man...
TIC-1000A ETC2-TIC-1000A Datasheet
383Kb / 2P
   High Performance, Value Compound for High-End Computer Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com