Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70GRCK16I-DIN Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 70GRCK16I-DIN
Description  For use with System 50 Style Controllers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70GRCK16I-DIN Datasheet(HTML) 2 Page - Grayhill, Inc

  70GRCK16I-DIN Datasheet HTML 1Page - Grayhill, Inc 70GRCK16I-DIN Datasheet HTML 2Page - Grayhill, Inc 70GRCK16I-DIN Datasheet HTML 3Page - Grayhill, Inc 70GRCK16I-DIN Datasheet HTML 4Page - Grayhill, Inc 70GRCK16I-DIN Datasheet HTML 5Page - Grayhill, Inc 70GRCK16I-DIN Datasheet HTML 6Page - Grayhill, Inc 70GRCK16I-DIN Datasheet HTML 7Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
System 50
16 CHANNEL RACK: Miniature
16 CHANNEL RACK: G5
System 50
12
012
3
45
6
7
8
9
10111213
14
15
Y
B
W
R
AC INPUT
AC OUTPUT
DC INPUT
DC OUTPUT
+–
10.00 (254,0)
9.35 (237,5)
LOGIC SUPPLY
TERMINAL STRIP
FIELD WIRING
TERMINAL STRIP
STANDOFF I.D
0.15 (3,8) DIA.
(4 PLACES)
CLEARANCE
FOR #6 SCRE
STATUS LED
0.40
(10,2)
.45
1,4)
0.25 (6,4)
.60
6,0)
3.50
(88,9)
3.00
(76,2)
2.20 (55,9)
MAX.
0.75
(19,1)
5A FUSE
MODULE HOLD DOWN
STRIP WITH THUMB SCREWS
CARD EDGE OR HEADER CONNECTOR
FOR LOGIC SIGNALS (SEE NOTES)
USER INSTALLABLE JUMPER
FOR +VCC (2 PLACES)
PIN 1
KEY
SLOT
PINS 11/13
0.2 (5,1)
NOTE: MAXIMUM
TERMINAL SCREW
TORQUE NOT TO
EXCEED 5 IN-LBS.
Part No. 70MRCK16
Dimensions are shown in inches
(and millimeters).
All tolerances are ± 0.010 (0,25)
unless otherwise specified.
Part No. 70GRCK16
Dimensions are shown in inches
(and millimeters).
All tolerances are ± 0.010 (0,25)
unless otherwise specified.
012 3
45 6
7 8
9 10111213 14 15
+–
10.00 (254,0)
9.125 (231,8)
LOGIC SUPPLY
TERMINAL STRIP
FIELD WIRING
TERMINAL STRIP
STANDOFF I.D. 0.15 (3,8) DIA.
(4 PLACES) CLEARANCE
FOR #6 SCREW
STATUS LED
ON THE MODULE
0.25 (6,4)
3.25
(82,6)
2.75
(69,9)
3.39
(86,1)
MAX.
0.75
(19,1)
PIN 1
0.2 (5,1)
1
3
579
11
13
15
17
19
21
23
25
27
29
31
246
8
10
12
14
16
18
20
22
24
26
2830
32
.093 (2,36) REF.
NOTE: MAXIMUM
TERMINAL SCREW
TORQUE NOT TO
EXCEED 5 IN-LBS.


Similar Part No. - 70GRCK16I-DIN

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70GRCK4 GRAYHILL-70GRCK4 Datasheet
387Kb / 2P
   RACKS 4 Channel
70GRCK4-DIN GRAYHILL-70GRCK4-DIN Datasheet
387Kb / 2P
   RACKS 4 Channel
70GRCK4R GRAYHILL-70GRCK4R Datasheet
387Kb / 2P
   RACKS 4 Channel
70GRCK4R-DIN GRAYHILL-70GRCK4R-DIN Datasheet
387Kb / 2P
   RACKS 4 Channel
70GRCK8-HL GRAYHILL-70GRCK8-HL Datasheet
697Kb / 5P
   RACKS 8 Channel
More results

Similar Description - 70GRCK16I-DIN

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70MRCQ24 GRAYHILL-70MRCQ24 Datasheet
569Kb / 3P
   For use with System 50 Style Controllers
70GRCM32 GRAYHILL-70GRCM32 Datasheet
499Kb / 2P
   For Use with MicroDac or PAMUX Controllers
logo
List of Unclassifed Man...
ASP-AUTO-T ETC2-ASP-AUTO-T Datasheet
687Kb / 1P
   Restrike System for use with Electronic HID Ballasts
ASP-AUTO-T ETC2-ASP-AUTO-T Datasheet
162Kb / 1P
   Restrike System for use with Electronic HID Ballasts
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
Mitsubishi Electric Sem...
M52358VP MITSUBISHI-M52358VP Datasheet
843Kb / 15P
   The M52358VP was developed for use with PAL-system VCRs
logo
List of Unclassifed Man...
F880 ETC2-F880 Datasheet
151Kb / 4P
   8-segment redundant fieldbus power system for use with Yokogawa CENTUM 3000 R3 Control System
logo
Toshiba Semiconductor
TA7795F TOSHIBA-TA7795F Datasheet
368Kb / 9P
   DUAL PREAMPLIFIERS FOR AUTO-REVERSE SYSTEM (1.5V USE)
logo
Winchester Electronics ...
KA-39-85 WINCHESTER-KA-39-85 Datasheet
56Kb / 1P
   FOR USE WITH RC-142
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com