Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM72A-06R15LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM72A-06R15LF
Description  Operating Temperature Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM72A-06R15LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM72A-06R15LF Datasheet HTML 1Page - List of Unclassifed Manufacturers HM72A-06R15LF Datasheet HTML 2Page - List of Unclassifed Manufacturers HM72A-06R15LF Datasheet HTML 3Page - List of Unclassifed Manufacturers HM72A-06R15LF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
94
Inductance,Lo
@100kHz,0Adc
Heating
DCResistance
Part
(µH)
Current(1)
Isat(2)
(mW)
HeightC
Number
Min.
Typ.
Max.
(Adc)
(Adc)
Typ.
Max.
(mm)
Figure
HM72A-06R10LF
0.08
0.10
0.12
26.2
60
1.50
1.70
3.0
1
HM72A-06R15LF
0.12
0.15
0.18
23.3
52
1.90
2.50
3.0
1
HM72A-06R20LF
0.16
0.20
0.24
21.2
41
2.30
3.00
3.0
1
HM72A-06R22LF
0.18
0.22
0.26
20.3
40
2.50
2.80
3.0
1
HM72A-06R33LF
0.26
0.33
0.40
18.0
30
3.20
3.90
3.0
1
HM72A-06R47LF
0.38
0.47
0.56
16.1
26
4.00
4.20
3.0
1
HM72A-06R68LF
0.54
0.68
0.82
14.4
25
5.00
5.50
3.0
1
HM72A-06R82LF
0.66
0.82
0.98
12.0
24
7.20
8.00
3.0
1
HM72A-061R0LF
0.80
1.00
1.20
10.3
22
9.00
10.00
3.0
1
HM72A-061R5LF
1.20
1.50
1.80
8.4
18
14.50
15.00
3.0
1
HM72A-062R2LF
1.76
2.20
2.64
8.3
14
15.00
20.00
3.0
1
HM72A-063R3LF
2.64
3.30
3.96
6.6
13.5
26.50
28.00
3.0
1
HM72A-064R7LF
3.76
4.70
5.64
5.4
10
35.00
40.00
3.0
1
HM72A-066R8LF
5.44
6.80
8.16
4.1
8
62.00
68.00
3.0
1
HM72A-06100LF
8.00
10.00
12.00
3.2
7
100.00
105.00
3.0
1
HM72A-06220LF
17.6
22.0
26.4
2.2
4.5
219.00
241.00
3.0
1
HM72A-06330LF
26.4
33.0
39.6
1.8
3.5
302.00
332.00
3.0
1
HM72A-10R15LF
0.12
0.15
0.18
33.0
44
0.75
0.82
4.0
2
HM72A-10R19LF
0.15
0.19
0.23
33.7
72
0.70
0.80
4.0
2
HM72A-10R24LF
0.19
0.24
0.29
31.6
70
0.80
0.90
4.0
2
HM72A-10R36LF
0.29
0.36
0.43
27.5
60
1.30
1.40
4.0
2
HM72A-10R47LF
0.38
0.47
0.56
24.8
52
1.30
1.40
4.0
2
HM72A-10R56LF
0.45
0.56
0.67
21.6
49
1.70
1.80
4.0
2
HM72A-101R0LF
0.80
1.00
1.20
18.0
21
2.56
2.75
4.0
2
HM72A-101R5LF
1.20
1.50
1.80
12.0
27.5
5.50
5.80
4.0
2
HM72A-101R8LF
1.44
1.80
2.16
13.0
15
4.50
5.00
4.0
2
HM72A-103R3LF
2.64
3.30
3.96
8.0
18.6
12.50
13.75
4.0
2
HM72A-104R7LF
3.76
4.70
5.64
7.3
17
15.00
16.50
4.0
2
HM72A-12R10LLF
0.08
0.10
0.12
40.0
84
0.80
0.96
3.5
2
HM72A-12R47LLF
0.38
0.47
0.56
31.0
55
1.30
1.43
3.5
2
HM72A-12R68LLF
0.54
0.68
0.82
27.0
49
2.30
2.50
3.5
2
HM72A-12R82LLF
0.66
0.82
0.98
22.0
44
2.40
3.00
3.5
2
HM72A-121R0LLF
0.80
1.00
1.20
19.0
42
3.40
3.60
3.5
3
HM72A-121R5LLF
1.20
1.50
1.80
16.0
35
5.10
5.50
3.5
3
HM72A-122R2LLF
1.76
2.20
2.64
13.3
29
7.20
8.00
3.5
3
HM72A-123R3LLF
2.64
3.30
3.96
10.8
27
11.00
12.00
3.5
3
HM72A-124R7LLF
3.76
4.70
5.64
10.0
24
14.00
15.00
3.5
3
HM72A-125R6LLF
4.48
5.60
6.72
8.0
19
22.50
24.75
3.5
2
HM72A-126R8LLF
5.44
6.80
8.16
8.0
18
19.80
22.00
3.5
3
HM72A-12R47LF
0.38
0.47
0.56
40.5
65
1.10
1.30
5.0
2
HMA72-12R50LF
0.40
0.50
0.60
39.0
65
1.30
1.50
5.0
2
HMA72-12R56LF
0.45
0.56
0.67
34.0
55
1.30
1.50
5.0
2
HM72A-121R0LF
0.80
1.00
1.20
26.0
50
2.20
2.50
5.0
2
HM72A-121R5LF
1.20
1.50
1.80
20.0
48
3.60
4.10
5.0
2
• OperatingTemperatureRange
-40°Cto+130°C
• TemperatureRise,Maximum
50°C
• OperatingFrequency
Upto3MHz
HM72A
Electrical/Environmental
HighPowerHighPerformanceMolded
SurfaceMountInductors
Specifications@25°C
RoHS
Compliant
LastUpdated:10November2010


Similar Part No. - HM72A-06R15LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM72A-06R15LF TTELEC-HM72A-06R15LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
More results

Similar Description - HM72A-06R15LF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com