Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM72A-066R8LF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM72A-066R8LF
Description  Operating Temperature Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM72A-066R8LF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM72A-066R8LF Datasheet HTML 1Page - List of Unclassifed Manufacturers HM72A-066R8LF Datasheet HTML 2Page - List of Unclassifed Manufacturers HM72A-066R8LF Datasheet HTML 3Page - List of Unclassifed Manufacturers HM72A-066R8LF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
95
Inductance,Lo
@100kHz,0Adc
Heating
DCResistance
Part
(µH)
Current(1)
Isat(2)
(mW)
HeightC
Number
Min.
Typ.
Max.
(Adc)
(Adc)
Typ.
Max.
(mm)
Figure
ElectricalCharacteristics@25°C
Inductance vs. Current Characteristics
HM72A-122R2LF
1.76
2.20
2.64
17.0
32
5.00
5.50
5.0
2
HM72A-123R3LF
2.64
3.30
3.96
15.0
32
7.70
9.20
5.0
3
HM72A-124R7LF(3)
3.76
4.70
5.64
10.7
27(3)
12.80
15.00
5.0
3
HM72A-12100LF
8.00
10.00
12.00
8.3
16
21.40
25.50
5.0
3
HM72A-12R15HLF
0.12
0.15
0.18
56.0
118
0.53
0.60
6.5
2
HM72A-12R33HLF
0.26
0.33
0.40
44.8
65
0.83
0.90
6.5
2
HM72A-12R40HLF
0.32
0.40
0.48
43.0
64
0.90
1.00
6.5
2
HM72A-12R47HLF
0.38
0.47
0.56
40.8
63
1.00
1.20
6.5
2
HM72A-12R68HLF
0.54
0.68
0.82
34.5
60
1.40
1.60
6.5
2
HM72A-121R0HLF
0.80
1.00
1.20
31.0
49
1.70
2.00
6.5
2
HM72A-121R5HLF
1.20
1.50
1.80
25.8
45
2.50
3.00
6.5
2
HM72A-122R2HLF
1.76
2.20
2.64
22.0
40
3.50
3.85
6.5
2
HM72A-123R3HLF
2.64
3.30
3.96
19.0
35
5.50
6.80
6.5
3
HM72A-124R7HLF(3)
3.76
4.70
5.64
15.0
30(3)
7.20
7.92
6.5
3
HM72A-126R8HLF
5.44
6.80
8.12
11.3
16.5
13.10
14.00
6.5
3
HM72A-12100HLF(3)
8.00
10.00
12.00
9.9
15.5(3)
18.00
19.20
6.5
2
HM72A-12200HLF
16.00
20.00
24.00
6.7
13.0
37.00
40.50
6.5
2
Specifications@25°C(Cont’d)
Notes: (1)TheheatingcurrentistheDCcurrentwhichcausesthecomponenttemperaturetoincreasebyapproximately50°C.Thiscurrentisdeterminedbysoldering
thecomponentonatypicalapplicationPCB,andthenapplyingthecurrenttothedevicefor30minutes.
(2)Thesaturationcurrent(Isat)istheapproximatecurrentatwhichtheinductancewillbedecreasedby20%typicalfromitsinitial(zeroDC)value.
(3)Thesaturationcurrent(Isat)ofHM72A-124R7LF,HM72A-124R7HLFandHM72A-12100HLFistheapproximatecurrentatwhichtheinductancewillbe
decreasedby30%typicalfromitsinitial(zeroDC)value.


Similar Part No. - HM72A-066R8LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM72A-066R8LF BITECH-HM72A-066R8LF Datasheet
682Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HM72A-066R8LF TTELEC-HM72A-066R8LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
More results

Similar Description - HM72A-066R8LF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com