Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71L35-03-1-12S-F Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 71L35-03-1-12S-F
Description  Multi-Deck, Standard Anti-Static
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

71L35-03-1-12S-F Datasheet(HTML) 1 Page - Grayhill, Inc

  71L35-03-1-12S-F Datasheet HTML 1Page - Grayhill, Inc 71L35-03-1-12S-F Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Keylock Rotary Switches
SERIES 71 J and L
Multi-Deck, Standard &
Anti-Static
Number of decks
1
2
3456
78
9
10
11
12
Dim. A, Style J (In.)
2.441
2.659
2.877
3.095
3.313
3.811
4.029
4.247
4.465
4.683
4.901
5.119
Dim. A, Style L (In.)
1.811
2.029
2.247
2.465
2.683
3.181
3.399
3.617
3.835
4.053
4.271
4.489
Dim. B Style J & L(In.)
.031
.031
.031
.031
.031
.312
.312
.312
.312
.312
.312
.312
Dim. A, Style J (mm)
62,00
67,54
73,08
78,61
84,15
96,80
102,34
107,87
113,41
118,95
124,49
130,02
Dim. A, Style L (mm)
46,00
51,54
57,07
62,61
68,15
80,80
86,33
91.87
97,41
102,95
108.48
114,02
Dim. B Style J & L(mm)
0,79
0,79
0,79
0,79
0,79
7,92
7,92
7,92
7,92
7,92
7,92
7,92
For switch specifications and additional dimensions, see Standard Switch Pages.
30°
36°
LOCK DETAIL
Key slot shown in position 1.
Key to be inserted with cut
side down.
Note: Switch/key positions are not aligned with terminal positions.
DIMENSIONS In inches (and millimeters)
Grayhill part number and date code marked on label.
Customer part number marked on request.
0.687 ± .010
(17,45 ± 0,25)
0.900 ± .005
(22,86 ± 0,13)
.685 ± .015
(17,4 ± 0,4)
OVER TERMINALS
7
8
.685 ± .015
(17,4 ± 0,4)
OVER TERMINALS
9
10
DIMENSION A
DIM. B
3/4-24 UNS-2A
THREAD
.730
(18,54)
1.0 (25,4)
REF.
1.050 (26,25)
REF.
A
B
LOCKWASHER
MOUNTING NUT
3/4-24 UNS-2A
THREAD
1.680 (42,67)
B
ANTI-STATIC
ADAPTOR
LOCK
ADAPTOR
LOCKWASHER IS
1.062 ± .022
(26,97 ± 0,56) DIA. BY
.022 (0,56) THICK
A = .218 (5,54)
B = .875 ± .020 (22,23 ± 0,51)
NUT IS APPROXIMATELY
.875 (22,23) ACROSS FLATS
LOCK FEATURES
• Economical
• Standard or Anti-Static Style
• 5-Plates, 1-Sided Key
RECOMMENDED PANEL CUT
.691 + .010 –.000
(17,55 + 0,25)
.750 + .015 –.000
(19,05 + 0,38)
Rotary
5
SWITCH FEATURES
• Economical
• 36° or 30° Throws
• Up to 16 Poles Per Switch
• 250 mA for 15,000 Cycles


Similar Part No. - 71L35-03-1-12S-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71L30-01-3-02N GRAYHILL-71L30-01-3-02N Datasheet
72Kb / 2P
   Multi-Deck, Standard & Anti-Static
More results

Similar Description - 71L35-03-1-12S-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71L30-01-3-02N GRAYHILL-71L30-01-3-02N Datasheet
72Kb / 2P
   Multi-Deck, Standard & Anti-Static
57HS22-05-1-16N-C GRAYHILL-57HS22-05-1-16N-C Datasheet
152Kb / 4P
   Multi-Deck Rotary Switches
71C2054 GRAYHILL-71C2054 Datasheet
49Kb / 1P
   Multi-Deck Rotary Switches
71ADF36-02-2-AJN GRAYHILL-71ADF36-02-2-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71BD30-05-1-AJN GRAYHILL-71BD30-05-1-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71BDF30-02PAJN GRAYHILL-71BDF30-02PAJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
logo
Keystone Electronics Co...
8894 KEYSTONE-8894 Datasheet
223Kb / 1P
   ANTI-STATIC IC TRAY CLIP
logo
3M Electronics
9920 3M-9920 Datasheet
477Kb / 7P
   Static Control Anti-Fatigue Mat 9900 Series
logo
List of Unclassifed Man...
701940-2WC31 ETC2-701940-2WC31 Datasheet
834Kb / 2P
   LED lighting system for multi-deck merchandisers
logo
PHOENIX CONTACT
1611796 PHOENIX-1611796 Datasheet
241Kb / 2P
   Plastic anti-static dust protection cap - RC-Z2468
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com