Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3864-BLKG Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3864-BLKG
Description  Unique Configurations in Surface Mount Packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3864-BLKG Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3864-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3864-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HSMP-386x Typical Parameters at T
C = 25°C
Part Number
Total Resistance
Carrier Lifetime
Reverse Recovery Time
Total Capacitance
HSMP-
R
T (Ω)
t (ns)
T
rr (ns)
C
T (pF)
386x
22
500
80
0.20
Test Conditions
I
F = 1 mA
I
F = 50 mA
V
R = 10 V
V
R = 50 V
f = 100 MHz
T
R = 250 mA
I
F = 20 mA
f = 1 MHz
90% Recovery
Typical Performance, T
C = 25°C, each diode
Figure 1. RF Capacitance vs. Reverse Bias.
0.15
0.30
0.25
0.20
0.35
02
6
41012
816
14
18 20
REVERSE VOLTAGE (V)
1 GHz
100 MHz
1 MHz
120
115
110
105
100
95
90
85
11030
IF – FORWARD BIAS CURRENT (mA)
Figure 3. 2nd Harmonic Input Intercept Point
vs. Forward Bias Current for Switch Diodes.
Diode Mounted as a
Series Switch in a
50 Microstrip and
Tested at 123 MHz
FORWARD CURRENT (mA)
Figure 4. Reverse Recovery Time vs. Forward
Current for Various Reverse Voltages.
10
100
1000
10
20
30
VR = 5V
VR = 10V
VR = 20V
Figure 2. Typical RF Resistance vs. Forward Bias
Current.
0.01
100
1000
1
10
BIAS CURRENT (mA)
10
100
1
0.1
TA = +85 C
TA = +25 C
TA = –55 C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 5. Forward Current vs. Forward
Voltage.
125 C 25 C –50 C
Equivalent Circuit Model
HSMP-386x Chip*
0.12 pF
1.5
Rj
Rs
Cj
Rj =
12 Ω
I0.9
RT = 1.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
* See AN1124 for package models


Similar Part No. - HSMP-3864-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3864-BLK HP-HSMP-3864-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3864-BLK HP-HSMP-3864-BLK Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3864-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389T-BLKG AVAGO-HSMP-389T-BLKG Datasheet
332Kb / 13P
   Unique Configurations in Surface Mount Packages
HSMP-3863-TR1G AVAGO-HSMP-3863-TR1G Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages
logo
STMicroelectronics
TN1198 STMICROELECTRONICS-TN1198 Datasheet
140Kb / 10P
   Surface mount guidelines for MEMS sensors in HLGA packages
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2810 AVAGO-HSMS-2810 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
logo
Aavid, Thermal Division...
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
   For use with Surface Mount packages
573300D00010 AAVID-573300D00010 Datasheet
89Kb / 2P
   For use with Surface Mount packages
573100D00000 AAVID-573100D00000 Datasheet
85Kb / 2P
   For use with Surface Mount packages
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com