Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-386B-BLKG Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-386B-BLKG
Description  Unique Configurations in Surface Mount Packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386B-BLKG Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMP-386B-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMP-386B-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Lead-Free Reflow Profile Recommendation (IPC/JEDEC J-STD-020C)
Reflow Parameter
Lead-Free Assembly
Average ramp-up rate (Liquidus Temperature (T
S(max) to Peak)
3°C/ second max
Preheat
Temperature Min (T
S(min))
150°C
Temperature Max (T
S(max))
200°C
Time (min to max) (t
S)
60-180 seconds
Ts(max) to TL Ramp-up Rate
3°C/second max
Time maintained above:
Temperature (T
L)
217°C
Time (t
L)
60-150 seconds
Peak Temperature (T
P)
260 +0/-5°C
Time within 5 °C of actual Peak temperature (t
P)
20-40 seconds
Ramp-down Rate
6°C/second max
Time 25 °C to Peak Temperature
8 minutes max
Note 1: All temperatures refer to topside of the package, measured on the package body surface
Figure 18. Surface Mount Assembly Profile.
25
Time
Tp
T L
tp
tL
t 25
° C to Peak
Ramp-up
ts
Ts min
Ramp-down
Preheat
Critical Zone
T L to Tp
Ts max
SMT Assembly
Reliable assembly of surface mount components is a
complex process that involves many material, process, and
equipment factors, including: method of heating (e.g., IR
or vapor phase reflow, wave soldering, etc.) circuit board
material, conductor thickness and pattern, type of solder
alloy, and the thermal conductivity and thermal mass of
components. Components with a low mass, such as the SOT
package, will reach solder reflow temperatures faster than
those with a greater mass.
Avago’s diodes have been qualified to the time-temper-
ature profile shown in Figure 18. This profile is represen-
tative of an IR reflow type of surface mount assembly
process.
After ramping up from room temperature, the circuit board
with components attached to it (held in place with solder
paste) passes through one or more preheat zones. The
preheat zones increase the temperature of the board and
components to prevent thermal shock and begin evapo-
rating solvents from the solder paste. The reflow zone
briefly elevates the temperature sufficiently to produce a
reflow of the solder.
The rates of change of temperature for the ramp-up and
cool-down zones are chosen to be low enough to not cause
deformation of the board or damage to components due
to thermal shock. The maximum temperature in the reflow
zone (T
MAX) should not exceed 260°C.
These parameters are typical for a surface mount assembly
process for Avago diodes. As a general guideline, the circuit
board and components should be exposed only to the
minimum temperatures and times necessary to achieve a
uniform reflow of solder.


Similar Part No. - HSMP-386B-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-386B-BLK HP-HSMP-386B-BLK Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
HSMP-386B-BLK HP-HSMP-386B-BLK Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
More results

Similar Description - HSMP-386B-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389T-BLKG AVAGO-HSMP-389T-BLKG Datasheet
332Kb / 13P
   Unique Configurations in Surface Mount Packages
HSMP-3863-TR1G AVAGO-HSMP-3863-TR1G Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages
logo
STMicroelectronics
TN1198 STMICROELECTRONICS-TN1198 Datasheet
140Kb / 10P
   Surface mount guidelines for MEMS sensors in HLGA packages
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC_12 Datasheet
193Kb / 3P
   Crystal Oscillators in Surface Mount Packages Converted to DIP Adapters
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2810 AVAGO-HSMS-2810 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
logo
Aavid, Thermal Division...
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
   For use with Surface Mount packages
573300D00010 AAVID-573300D00010 Datasheet
89Kb / 2P
   For use with Surface Mount packages
573100D00000 AAVID-573100D00000 Datasheet
85Kb / 2P
   For use with Surface Mount packages
logo
M/A-COM Technology Solu...
S2083 MA-COM-S2083 Datasheet
1Mb / 14P
   Surface Mount Instructions for QFN / DFN Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com