Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKRP20066 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GKRP20066
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKRP20066 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GKRP20066 Datasheet HTML 1Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 2Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 3Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKRP20066 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J.1
3
Capacitance
Carrier and
(pF)
TCC
Q min
Color
Bulk Pack
Reel Pack
min
max
(ppm / °C)
(1 MHz) Code
Model No. Model No.
1.7
3.0
0 ± 300
500
Brown GKY3R000 GKY3R066
2.5
6.0
0 ± 300
500
Blue
GKY6R000 GKY6R066
3.0
10.0
N400 ± 400
500
White GKY10000 GKY10066
5.0
20.0
N900 ± 400
300
Red
GKY20000 GKY20066
6.0
30.0 N1200 ± 500
300
Green GKY30000 GKY30066
SURFTRIM® SURFACE MOUNT
GKY STANDARD SERIES
FEATURES
• Designed for reflow soldering.
• Available in carrier and reel packaging.
Carrier and reel specifications on page 11.
SPECIFICATIONS
Operating
Temperature Range: –25°C to +85°C
Voltage Rating: 100 VDC
Dielectric Withstanding Voltage: 220 VDC
Insulation Resistance: 104 Megohms min
Torque: 10 to 150 g-cm (0.14 to 2.08 oz-in)
3.2 x 4.5 x 1.8 mm Models
All dimensions are in / mm. Unless otherwise specified, the tolerance on dimensions is ± 0.004 /0.1.
0.043
1.1
MAX
0.071
1.8
0.067
1.7
0.02
0.5
0.12
3.0
+0.006
–0.002
+0.15
–0.05
0.18
4.5
0.13
3.2
0.04
0.9
0.0059 ± 0.002
0.15 ± 0.05
0.0047 ± 0.002
0.12 ± 0.05
0.018
0.45
TYP
0.059
1.5
0.071
1.8
0.02
0.6
0.02
0.6
+0
–0.004
+0
–0.1
0.031
0.78
0.02
0.6
+0
–0.004
+0
–0.1
DIA
ROTOR
STATOR
TERMINALS
APPROX. FLUSH
TO MOUNTING
SURFACE
GKY _ _ _ 86
0.11
2.9
0.059
1.5
0.047
1.2
PAD LAYOUT
0.047
1.2
0.03
0.8
0.02
0.6
0.03
0.8
0.02
0.6
0.065
1.65
0.02
0.6
0.13
3.3
0.047
1.2
0.047
1.2
PAD LAYOUT
0.047
1.2
ROTOR
STATOR
0.13
3.2
0.12
3.0
0.18
4.5
0.079
2.0
0.05
1.2
0.05
1.2
MAX
0.071
1.8
TERMINALS
APPROX. FLUSH
TO MOUNTING
SURFACE
0.02
0.5
0.026
0.65
0.075
1.9
0.067
1.7
GKY _ _ _ 00, 66
Capacitance
Carrier and
(pF)
TCC
Q min
Reel Pack
min
max
(ppm / °C)
(1 MHz)
Model No .
1.0
3
0 ± 500
300
GKY3R086
2.5
10
0 ± 300
300
GKY10086
4.5
20
N750 ± 400
300
GKY20086
4.5
30
N750 ± 500
300
GKY30086
4.5
40
N750 ± 500
300
GKY40086
4.5
50
N750 ± 500
300
GKY50086
GKY WASHABLE SERIES
FEATURES
• Designed for reflow soldering.
• Carrier and reel packaging.
• Sealed for washability
SPECIFICATIONS
Operating Temperature Range: –40°C to +85°C
Voltage Rating: 25 VDC
Dielectric Withstanding Voltage: 75 VDC
Insulation Resistance: 104 Megohms min
Torque: 10 to 150 g-cm (0.14 to 2.08 oz-in)
3.2 x 4.5 x 1.8 mm Models
TYP


Similar Part No. - GKRP20066

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GKR13004 GENESIC-GKR13004 Datasheet
602Kb / 3P
   Silicon Standard Recovery Diode
GKR13004 GENESIC-GKR13004 Datasheet
597Kb / 3P
   Silicon Standard Recovery Diode
GKR13004 GENESIC-GKR13004_16 Datasheet
597Kb / 3P
   Silicon Standard Recovery Diode
GKR13008 GENESIC-GKR13008 Datasheet
597Kb / 3P
   Silicon Standard Recovery Diode
GKR13012 GENESIC-GKR13012 Datasheet
597Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - GKRP20066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
SG-660B ETC2-SG-660B Datasheet
125Kb / 4P
   AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com