Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKG50H67 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GKG50H67
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG50H67 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GKG50H67 Datasheet HTML 3Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 9Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 10Page - List of Unclassifed Manufacturers GKG50H67 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J
7
0.2
5.0
Suggest Mounting
Hole Layout
0.0098
0.25
0.24
± 0.008
6.0
± 0.2
0.24
± 0.008
6.0
± 0.2
0.16
± 0.008
4.0
± 0.2
0.098
± 0.008
2.5
± 0.2
0.02
± 0.008
0.6
± 0.2
0.008
0.2
0.24
± 0.008
6.0
± 0.2
COLOR CODE
0.04
± 0.002
1.0
± 0.05
TYP
DIA
0.20
5.0
0.047
1.2
DIA (2 PLCS)
0.13
3.3
DIA
0.02
0.5
X
DP
0.059
1.5
ROTOR
STATOR
0.2
5.0
Suggest Mounting
Hole Layout
0.0098
0.25
0.24
± 0.008
6.0
± 0.2
0.24
± 0.008
6.0
± 0.2
0.16
± 0.008
4.0
± 0.2
0.098
± 0.008
2.5
± 0.2
0.008
0.2
COLOR CODE
0.13
3.3
0.04
± 0.002
1.0
± 0.05
TYP
DIA
0.25
6.3
0.047
1.2
DIA
0.12
3.0
DIA
(2 PLCS)
0.02
± 0.008
0.6
± 0.2
0.02
0.5
X
DP
DIA
ROTOR
STATOR
GKG _ _ _ 16
GKG _ _ _ 15
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1; except slot tolerance is ± 0.008 / 0.2.
FEATURES
• Very low cost.
• Wide selection of capacitance ranges.
• Suitable for printed circuit production methods
using “spring leads” or “straight leads”.
SPECIFICATIONS
Operating Temperature Range: –25°C to +85°C
Voltage Rating: 100 VDC
Dielectric Withstanding Voltage: 220 VDC
Insulation Resistance: 104 Megohms min
Torque: 15 to 150 g-cm (0.21 to 2.1 oz-in)
Capacitance (pF)
Top Adjust
Bottom Adjust
min
max
TCC (ppm / °C)
Q min (1 MHz)
Color Code
Model No.
Model No.
1.0
3.0
NPO ± 250
300
Black
GKG3R015
GKG3R016
2.0
5.0
NPO ± 250
300
Blue
GKG5R015
GKG5R016
3.0
10.0
NPO ± 250
300
White
GKG10015
GKG10016
5.0
20.0
N750 ± 250
300
Red
GKG20015
GKG20016
6.5
30.0
N1000 ± 500
200
Green
GKG30015
GKG30016
7.0
40.0
N2200 ± 800
200
Yellow
GKG40015
GKG40016
10.0
50.0
N2200 ± 800
200
Brown
GKG50015
GKG50016
12.0
60.0
N2200 ± 800
200
Brown
GKG60015
GKG60016
15.0
70.0
N2200 ± 800
200
Brown
GKG70015
GKG70016
6 mm Economy Models
PLASTIC ENCASED TYPE: 6 mm ECONOMY
GKG SERIES


Similar Description - GKG50H67

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
SG-660B ETC2-SG-660B Datasheet
125Kb / 4P
   AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com