Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICLS6021J Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICLS6021J
Description  LED System Driver ICs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS6021J Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICLS6021J Datasheet HTML 4Page - Infineon Technologies AG ICLS6021J Datasheet HTML 5Page - Infineon Technologies AG ICLS6021J Datasheet HTML 6Page - Infineon Technologies AG ICLS6021J Datasheet HTML 7Page - Infineon Technologies AG ICLS6021J Datasheet HTML 8Page - Infineon Technologies AG ICLS6021J Datasheet HTML 9Page - Infineon Technologies AG ICLS6021J Datasheet HTML 10Page - Infineon Technologies AG ICLS6021J Datasheet HTML 11Page - Infineon Technologies AG ICLS6021J Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Data Sheet
8
Version 1.0, 2011-05-19
Description
ICLS6x Series controllers employ a fixed-frequency operation mode optimized for offline LED lighting. The
integrated constant power function (patented by Infineon Techologies AG) and the frequency jitter enable high
performance without investment of too much effort in stabilization of the system and filtering in terms of EMC.
A wide VCC range up to 26 V is provided by use of BiCMOS technology to cover changes in the auxiliary supply
voltage if a CV/CC regulation is implemented on the secondary side.
Auto Restart Mode is entered in the case of overtemperature, VCC overvoltage, output open loop or overload and
VCC undervoltage. If an open load event occurs, the device enters the so-called Floating Load Protection (FLP)
mode to protect the LED against destruction. The dimensions of the transformer and the secondary diode can be
reduced owing to the internal precise peak current limitation to yield greater cost efficiency.
Figure 1
Typical application of ICLS6x Series controllers
Type
Package
Marking
V
DS
F
OSC
R
DSon
1)
1) typ. @ T = 25 °C
230VAC ±15%
2)
2) Calculated maximum input power rating at Ta = 80 °C, Tj = 125 °C and without copper area as heat sink
110VAC ±15%
2)
ICLS6021J
PG-DIP-8-6
ICLS6021J 650 V 67 kHz 6.45 Ω
12 W
5 W
ICLS6022J
PG-DIP-8-6
ICLS6022J 650 V 67 kHz 4.70 Ω
17 W
9 W
ICLS6022G PG-DSO-16/12 ICLS6022G 650 V 67 kHz 4.70 Ω
17 W
9 W
ICLS6023J
PG-DIP-8-6
ICLS6023J 650 V 67 kHz 1.70 Ω
26 W
15 W
20V/350mA
PWM
Control
7 VCC
4 D 5 D
1 SS
2 FB
8 GND
3 CS
ICLS602xX


Similar Part No. - ICLS6021J

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ICL HONEYWELL-ICL Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Sensata Technologies, I...
ICL SENSATA-ICL Datasheet
522Kb / 9P
   DIN Rail-Mount Hydraulic Magnetic Circuit Protectors
logo
Adam Technologies, Inc.
ICL-1005-22NJ-TR ADAM-TECH-ICL-1005-22NJ-TR Datasheet
56Kb / 1P
   INTERGRATED CHIP INDUCTOR
logo
Mean Well Enterprises C...
ICL-16L MEANWELL-ICL-16L Datasheet
221Kb / 4P
   16A AC Inrush Current Limiter
ICL-16R MEANWELL-ICL-16R Datasheet
221Kb / 4P
   16A AC Inrush Current Limiter
More results

Similar Description - ICLS6021J

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
logo
Supertex, Inc
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
   Hysteretic Boost-Buck (Cuk) LED Driver ICs
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
Melexis Microelectronic...
MLX80050 MELEXIS-MLX80050 Datasheet
1Mb / 50P
   LIN System Basis ICs
MLX80050 MELEXIS-MLX80050_14 Datasheet
875Kb / 46P
   LIN System Basis ICs
logo
Sanken electric
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
   Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com