Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

513374-11 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 513374-11
Description  PC Mount, 30째 Angle of Throw
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

513374-11 Datasheet(HTML) 1 Page - Grayhill, Inc

  513374-11 Datasheet HTML 1Page - Grayhill, Inc 513374-11 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Mechanical Encoders
SERIES 51
Binary or Binary
Complement Code
CIRCUIT DIAGRAMS
Switch is viewed from the shaft end and shown
in switch position number 1, which is decimal
number zero and BCD number zero.
BCD
BCD Complement
10
9
8
7
6
C2
5
4
3
2
1
12
11
C3
C1
4 OUTPUT
1 OUTPUT
2 OUTPUT
8 OUTPUT
TIED TOGETHER
ON PC BOARD
COMMON
ROTATING
CONTACTS
TIED TOGETHER
ON PC BOARD
TIED TOGETHER
ON PC BOARD
10
9
8
7
6
C2
5
4
3
2
1
12
11
C3
C1
4 OUTPUT
1 OUTPUT
2 OUTPUT
8 OUTPUT
TIED TOGETHER
ON PC BOARD
COMMON
ROTATING
CONTACTS
TIED TOGETHER
ON PC BOARD
TIED TOGETHER
ON PC BOARD
TIED TOGETHER
ON PC BOARD
Indicates Terminal is present.
Indicates Terminal is omitted.
Note: Connections must be made on PC board to
generate code output.
Switch position numbers do not correspond to the
decimal input or binary output. See Truth Tables.
FEATURES
• PC Mount, 30° Angle of Throw
• 2 to 12 Positions
• .562" Diameter, 200 mA
• Shaft and Panel Seal
• Adjustable Stop Versions
DIMENSIONS In Inches (and millimeters)
.093 ± .005
(2,36 ± 0,13)
105¡
SHAFT
FLAT
C
L
.203 ± .003
(5,16 ± 0,08)
Ø .562 + .025
–.015
(14,27 + 0,64
– 0,38)
Ø .125 ± .002
(3,18 ± 0,05)
.250 + .020 – .015
(6,35 + 0,51 –0,38)
.375 ± .015
(9,53 ± 0,38)
.250 ± .015
(6,35 ± 0,38)
.537 + .020 –.030
(13,64 + 0,51 –0,76)
1/4-28 UNF-2A
THREAD
.125 + .015
–.020
(3,18 + 0,38
–0,51)
.035 (0,89)
REF.
COMMON
POLE 1
COMMON
POLE 3
Ø .382 (9,70) TERMINAL
CIRCLE OF CENTERS
COMMON
POLE 2
Ø .232 (5,89)
COMMON CIRCLE
OF CENTERS
.020 ± .003
(0,51 ± 0,08)
.062 ± .004
(1,57 ± 0,10)
.125± .015
(3,18 ± 0,38)
Ø .025 ± .002
(0,64 ± 0,05)
.125± .015
(3,18 ± 0,38)
.020 ± .003
(0,51 ± 0,08)
See circuit
diagrams for
omitted terminals.
All switches are provided with PC mount terminals.
Grayhill part number and date code marked on label. Customer part number marked on request.
PC TERMINAL DETAIL
PC COMMON DETAIL
Encoder
7


Similar Part No. - 513374-11

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5133 POMONA-5133 Datasheet
28Kb / 1P
   Test Lead Replaceable Micro Tip
logo
Aavid, Thermal Division...
513301B02500G AAVID-513301B02500G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
513301B02500G AAVID-513301B02500G Datasheet
8Mb / 116P
   How to Use This Catalog
513301B02500G AAVID-513301B02500G Datasheet
237Kb / 3P
   Board Level Cooling – Extruded 5000
513302B02500G AAVID-513302B02500G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 513374-11

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
   ~30째 spot beam. Variant made from PC.
CP13070 LEDIL-CP13070 Datasheet
2Mb / 5P
   ~30째 30째 rectangular beam
CS16188 LEDIL-CS16188 Datasheet
4Mb / 6P
   ~30째 115째 oval beam. Variant made from PC.
logo
Adam Technologies, Inc.
RF7-21-T-00-75 ADAM-TECH-RF7-21-T-00-75 Datasheet
72Kb / 1P
   TNC RIGHT ANGLE PC MOUNT
IEC-NB-A-4 ADAM-TECH-IEC-NB-A-4 Datasheet
78Kb / 1P
   IEC RIGHT ANGLE PC MOUNT
logo
NXP Semiconductors
KM110BH PHILIPS-KM110BH Datasheet
108Kb / 12P
   30째 and 70째 angle sensor hybrids
1996 Nov 08
logo
Winchester Electronics ...
SD512-060-0040J WINCHESTER-SD512-060-0040J Datasheet
84Kb / 1P
   RIGHT ANGLE SMB PLUG PC MOUNT
logo
Amphenol Corporation
031-5660 AMPHENOL-031-5660 Datasheet
106Kb / 1P
   TNC JACK RIGHT ANGLE PC MOUNT
logo
Pomona Electronics
4788 POMONA-4788 Datasheet
64Kb / 1P
   Right Angle BNC Female PC Mount
logo
Amphenol Corporation
901-9894-RFX AMPHENOL-901-9894-RFX Datasheet
107Kb / 1P
   SMA PLUG RIGHT ANGLE PC MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com