Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

513374-12-C Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 513374-12-C
Description  PC Mount, 30째 Angle of Throw
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

513374-12-C Datasheet(HTML) 2 Page - Grayhill, Inc

  513374-12-C Datasheet HTML 1Page - Grayhill, Inc 513374-12-C Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Mechanical Encoders
Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales Office, an authorized local Distributor or Grayhill.
OPTIONS
Adjustable Stops
Set and reset stops to limit rotation. All
dimensions are the same as for fixed stop
switches. Switches are shipped with the stop
blades located to limit rotation to 11 switch
positions. For continuous rotation, remove both
blades. For limited rotation, remove the 2nd
(clockwise) blade and move it to the hole
located between the positions shown in the
Truth Tables. Removal of a plastic washer
provides access to the blades and slots.
Adjustable stop versions are available in
unsealed styles only.
Shaft and Panel Seal
Switches are available in sealed or unsealed
styles. For sealed style, the panel is sealed by
an o-ring at the base of the bushing. The shaft
is sealed by an o-ring inside of bushing. After
the switch is mounted, seals do not alter the
dimensions of the unsealed style.
Dec.
Switch
2nd
Output Terminal
No.
Pos'n.*
Pin**
1248
0
1
4-5
1
2
5-6
2
3
6-7
3
4
7-8
4
5
8-9
5
6
9-10
6
7
10-11
7
8
11-12
8
9
12-1
9
10
1-2
10
11
2-3
11
12
3-4
Indicates contact made to common
* The switch position number is the terminal location opposite the shaft flat; it is not the same as
the decimal number.
** To limit an adjustable stop switch to the decimal number shown, insert the second pin in the hole
lying between the 2 switch positions indicated.
TRUTH TABLES
Binary Code Decimal
Binary Code Decimal Complement
Electrical Rating
Rated: To make and break 125 mA 30 Vdc
resistive load for 25,000 cycles of operation.
Cycle: (1 cycle = 360° rotation and return)
Test conditions are standard atmospheric
pressure, 25°C and 68% relative humidity.
Contact Resistance: 20 milliohms initially,
300 milliohms maximum after life
Insulation Resistance: 50,000 megohms
initially, 10,000 megohms after life
Voltage Breakdown: 500 Vac between
mutually insulated parts
SPECIFICATIONS
Type Of
Maximum No.
BCD Output
BCD Complement
Switch
Of Positions
Unsealed
Sealed
Unsealed
Sealed
7
513360-7
513374-7
513361-7
513375-7
8
513360-8
513374-8
513361-8
513375-8
Fixed Stop
9
513360-9
513374-9
513361-9
513375-9
10
513360-10
513374-10
513361-10
513375-10
11
513360-11
513374-11
513361-11
513375-11
12
513360-12-F
513374-12-F
513361-12-F
513375-12-F
Continuous Rotation
12
513360-12-C
513374-12-C
513361-12-C
513375-12-C
Adjustable Stop
12
513385
———
513384
———
The -C suffix indicates continuous rotation. The -F suffix indicates a fixed stop between positions 1 and 12.
ORDERING INFORMATION
Materials and Finishes
Bases: Thermoset plastic
Detent Rotor: Nylon
Shaft, Stop Blades, Stop Arm, Thrust
Washer And Retaining Ring: Stainless steel
Detent Balls: Steel, nickel-plated
Bushing: Zinc, Tin-zinc-plated
Detent Spring: Stainless steel
Common Terminals and Rings: Brass, gold
plate .00003" minimum over silver plate .0003"
minimum
Terminals: Brass with silver contact surface,
gold-plated .00003"
Rotor Contact: Berillium copper with silver
contact surface
Shaft And Panel Seal: Silicone rubber
Mounting Hardware: One mounting nut, .089"
thick by .375" across flats, and one internal
tooth lockwasher are supplied with the switch.
Additional Characteristics
Contact Type: Wiping contacts
Shaft Flat Orientation: Switch position is
defined as that position that is opposite the
shaft flat. The location of the contacts in
relation to the shaft flat is shown on the circuit
diagram.
Terminals: Only the active position terminals,
as shown in the circuit diagram are supplied
with the switch. All common terminals are
supplied.
Stop Strength: 7.5 in-lbs minimum
Rotational Torque: 8 to16 in-oz
Bushing Mounting: Required for these
switches
Maximum Mounting Torque: 15 in-lbs.
Dec.
Switch
2nd
Output Terminal
No.
Pos'n.*
Pin**
1248
0
1
12-1
1
2
1-2
2
3
2-3
3
4
3-4
4
5
4-5
5
6
5-6
6
7
6-7
7
8
7-8
8
9
8-9
9
10
9-10
10
11
10-11
11
12
11-12
Encoder
8


Similar Part No. - 513374-12-C

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5133 POMONA-5133 Datasheet
28Kb / 1P
   Test Lead Replaceable Micro Tip
logo
Aavid, Thermal Division...
513301B02500G AAVID-513301B02500G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
513301B02500G AAVID-513301B02500G Datasheet
8Mb / 116P
   How to Use This Catalog
513301B02500G AAVID-513301B02500G Datasheet
237Kb / 3P
   Board Level Cooling – Extruded 5000
513302B02500G AAVID-513302B02500G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 513374-12-C

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
   ~30째 spot beam. Variant made from PC.
CP13070 LEDIL-CP13070 Datasheet
2Mb / 5P
   ~30째 30째 rectangular beam
CS16188 LEDIL-CS16188 Datasheet
4Mb / 6P
   ~30째 115째 oval beam. Variant made from PC.
logo
Adam Technologies, Inc.
RF7-21-T-00-75 ADAM-TECH-RF7-21-T-00-75 Datasheet
72Kb / 1P
   TNC RIGHT ANGLE PC MOUNT
IEC-NB-A-4 ADAM-TECH-IEC-NB-A-4 Datasheet
78Kb / 1P
   IEC RIGHT ANGLE PC MOUNT
logo
NXP Semiconductors
KM110BH PHILIPS-KM110BH Datasheet
108Kb / 12P
   30째 and 70째 angle sensor hybrids
1996 Nov 08
logo
Winchester Electronics ...
SD512-060-0040J WINCHESTER-SD512-060-0040J Datasheet
84Kb / 1P
   RIGHT ANGLE SMB PLUG PC MOUNT
logo
Amphenol Corporation
031-5660 AMPHENOL-031-5660 Datasheet
106Kb / 1P
   TNC JACK RIGHT ANGLE PC MOUNT
logo
Pomona Electronics
4788 POMONA-4788 Datasheet
64Kb / 1P
   Right Angle BNC Female PC Mount
logo
Amphenol Corporation
901-9894-RFX AMPHENOL-901-9894-RFX Datasheet
107Kb / 1P
   SMA PLUG RIGHT ANGLE PC MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com