Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

513384 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 513384
Description  PC Mount, 30째 Angle of Throw
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

513384 Datasheet(HTML) 1 Page - Grayhill, Inc

  513384 Datasheet HTML 1Page - Grayhill, Inc 513384 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Mechanical Encoders
SERIES 51
Binary or Binary
Complement Code
CIRCUIT DIAGRAMS
Switch is viewed from the shaft end and shown
in switch position number 1, which is decimal
number zero and BCD number zero.
BCD
BCD Complement
10
9
8
7
6
C2
5
4
3
2
1
12
11
C3
C1
4 OUTPUT
1 OUTPUT
2 OUTPUT
8 OUTPUT
TIED TOGETHER
ON PC BOARD
COMMON
ROTATING
CONTACTS
TIED TOGETHER
ON PC BOARD
TIED TOGETHER
ON PC BOARD
10
9
8
7
6
C2
5
4
3
2
1
12
11
C3
C1
4 OUTPUT
1 OUTPUT
2 OUTPUT
8 OUTPUT
TIED TOGETHER
ON PC BOARD
COMMON
ROTATING
CONTACTS
TIED TOGETHER
ON PC BOARD
TIED TOGETHER
ON PC BOARD
TIED TOGETHER
ON PC BOARD
Indicates Terminal is present.
Indicates Terminal is omitted.
Note: Connections must be made on PC board to
generate code output.
Switch position numbers do not correspond to the
decimal input or binary output. See Truth Tables.
FEATURES
• PC Mount, 30° Angle of Throw
• 2 to 12 Positions
• .562" Diameter, 200 mA
• Shaft and Panel Seal
• Adjustable Stop Versions
DIMENSIONS In Inches (and millimeters)
.093 ± .005
(2,36 ± 0,13)
105¡
SHAFT
FLAT
C
L
.203 ± .003
(5,16 ± 0,08)
Ø .562 + .025
–.015
(14,27 + 0,64
– 0,38)
Ø .125 ± .002
(3,18 ± 0,05)
.250 + .020 – .015
(6,35 + 0,51 –0,38)
.375 ± .015
(9,53 ± 0,38)
.250 ± .015
(6,35 ± 0,38)
.537 + .020 –.030
(13,64 + 0,51 –0,76)
1/4-28 UNF-2A
THREAD
.125 + .015
–.020
(3,18 + 0,38
–0,51)
.035 (0,89)
REF.
COMMON
POLE 1
COMMON
POLE 3
Ø .382 (9,70) TERMINAL
CIRCLE OF CENTERS
COMMON
POLE 2
Ø .232 (5,89)
COMMON CIRCLE
OF CENTERS
.020 ± .003
(0,51 ± 0,08)
.062 ± .004
(1,57 ± 0,10)
.125± .015
(3,18 ± 0,38)
Ø .025 ± .002
(0,64 ± 0,05)
.125± .015
(3,18 ± 0,38)
.020 ± .003
(0,51 ± 0,08)
See circuit
diagrams for
omitted terminals.
All switches are provided with PC mount terminals.
Grayhill part number and date code marked on label. Customer part number marked on request.
PC TERMINAL DETAIL
PC COMMON DETAIL
Encoder
7


Similar Part No. - 513384

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51338-0274 MOLEX7-51338-0274 Datasheet
521Kb / 8P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059") Stacking Height, with Space Saving J-BendLeads, 20 Circuits, Lead-free
51338-0374 MOLEX7-51338-0374 Datasheet
520Kb / 8P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, 1.50mm (.059") Stacking Height, with Space Saving J-BendLeads, 30 Circuits, Lead-free
51338-0474 MOLEX7-51338-0474 Datasheet
521Kb / 8P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059") Stacking Height, with Space Saving J-BendLeads, 40 Circuits, Lead-free
51338-0574 MOLEX7-51338-0574 Datasheet
520Kb / 8P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, DualRow, Vertical Stacking, 1.50mm (.059") Stacking Height, with Space Saving J-BendLeads, 50 Circuits, Lead-free
51338-0674 MOLEX7-51338-0674 Datasheet
521Kb / 8P
   0.40mm (.016") Pitch Board-to-Board SlimStack??Receptacle, Surface Mount, Dual Row, Vertical Stacking, with Space Saving J-Bend Leads, 60 Circuits, Lead-free
More results

Similar Description - 513384

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
   ~30째 spot beam. Variant made from PC.
CP13070 LEDIL-CP13070 Datasheet
2Mb / 5P
   ~30째 30째 rectangular beam
CS16188 LEDIL-CS16188 Datasheet
4Mb / 6P
   ~30째 115째 oval beam. Variant made from PC.
logo
Adam Technologies, Inc.
RF7-21-T-00-75 ADAM-TECH-RF7-21-T-00-75 Datasheet
72Kb / 1P
   TNC RIGHT ANGLE PC MOUNT
IEC-NB-A-4 ADAM-TECH-IEC-NB-A-4 Datasheet
78Kb / 1P
   IEC RIGHT ANGLE PC MOUNT
logo
NXP Semiconductors
KM110BH PHILIPS-KM110BH Datasheet
108Kb / 12P
   30째 and 70째 angle sensor hybrids
1996 Nov 08
logo
Winchester Electronics ...
SD512-060-0040J WINCHESTER-SD512-060-0040J Datasheet
84Kb / 1P
   RIGHT ANGLE SMB PLUG PC MOUNT
logo
Amphenol Corporation
031-5660 AMPHENOL-031-5660 Datasheet
106Kb / 1P
   TNC JACK RIGHT ANGLE PC MOUNT
logo
Pomona Electronics
4788 POMONA-4788 Datasheet
64Kb / 1P
   Right Angle BNC Female PC Mount
logo
Amphenol Corporation
901-9894-RFX AMPHENOL-901-9894-RFX Datasheet
107Kb / 1P
   SMA PLUG RIGHT ANGLE PC MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com