Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKU40010 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GKU40010
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKU40010 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GKU40010 Datasheet HTML 1Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 2Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 3Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKU40010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J
SURFTRIM® SURFACE MOUNT
Sealed Construction
FEATURES
• Process seal provides protection against conta-
minants (flux, solvents, etc.) during production.
• Designed for flow and reflow soldering.
• Available in carrier and reel packaging.
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
SPECIFICATIONS
Operating Temperature Range: –25°C to +85°C
(For expanded temperature range applications,
consult factory.)
Voltage Rating: 100 VDC
Dielectric Withstanding Voltage: 220 VDC
Insulation Resistance: 104 Megohms min
Torque: 15 to 100 g-cm (0.2 to 1.39 oz-in)
Capacitance
Carrier and
Carrier and
Carrier and
(pF)
TCC
Q min
Color
Bulk Pack
Reel Pack
Bulk Pack
Reel Pack
Bulk Pack
Reel Pack
*min
max
(ppm / °C)
(1 MHz)
Code
Model No. Model No.
Model No.
Model No.
Model No.
Model No.
1.4
3.0
0 ± 200
300** †Red Dot
GKG3R026 GKG3R066 GKG3R027
GKG3R067
GKG3R028
GKG3R068
2.0
6.0
0 ± 200
500**
Blue
GKG6R026 GKG6R066 GKG6R027
GKG6R067
GKG6R028
GKG6R068
3.0
10.0
0 ± 300
500**
White
GKG10026 GKG10066
GKG10027
GKG10067
GKG10028
GKG10068
4.5
20.0
N900 ± 300
500**
Red
GKG20026 GKG20066
GKG20027
GKG20067
GKG20028
GKG20068
6.5
30.0
N1100 ± 450
300
Green
GKG30026 GKG30066
GKG30027
GKG30067
GKG30028
GKG30068
15.0
50.0 N1700 ± 500
300
Orange
GKG50H26 GKG50H66 GKG50H27
GKG50H67
GKG50H28
GKG50H68
† Marking on bottom of capacitor.
* Re-rated in 1994 for lower min capacitance.
** Q at 10MHz
4 x 4.5 x 2.7 mm Models
ROTOR
STATOR
SLOTS
0.02
0.5
0.02
0.5
x
0.11 ± 0.008
2.7 ± 0.2
DP
0.16 ± 0.008
4.0 ± 0.2
0.094
2.4
0.18 ± 0.008
4.5 ± 0.2
0.047
1.2
0.20
5.2
max
0.11 ± 0.008
2.8 ± 0.2
SEAL
TERMINALS
APPROX. FLUSH TO
MOUNTING SURFACE
0.055
1.4
DIA
TYP
0.055
1.4
ROTOR
STATOR
0.16
± 0.008
4.0
± 0.2
0.11
± 0.008
2.9
± 0.2
0.18
± 0.008
4.5
± 0.2
0.094
2.4
SLOTS
0.02
0.5
0.02
0.5
x
DP
0.28
± 0.02
7.0
± 0.5
SEAL
DIA
0.047
1.2
TYP
TERMINALS
APPROX. FLUSH TO
MOUNTING SURFACE
SLOTS
0.02
0.5
0.02
0.5
x
0.11 ± 0.008
2.7 ± 0.2
0.18 ± 0.008
4.5 ± 0.2
0.055
1.4
DP
0.094
2.4
DIA
STATOR
ROTOR
TERMINALS
APPROX. FLUSH
TO MOUNTING
SURFACE
0.28 ± 0.008
7.0 ± 0.2
0.047
1.2
SEAL
TYP
0.16 ± 0.008
4.0 ± 0.2
0.120
± 0.006
3.05
± 0.15
0.079
2.0
TYP
0.094
2.4
0.16
4.0
0.063
1.6
0.079
2.0
TYP
0.063
1.6
0.16
4.0
0.063
1.6
0.079
2.0
TYP
DIA
PAD LAYOUTS
GKG _ _ _ 26, 66
GKG _ _ _ 28, 68
GKG _ _ _ 27, 67
GKG _ _ _ 26, 66
GKG _ _ _ 28, 68
GKG _ _ _ 27, 67
Available without seal — consult factory.
Carrier and reel specifications on page11.
Add –07 to Model No. for 700 / reel, –25 for 2500 / reel.
CONSTRUCTION DETAILS OF 4 x 4.5 mm GKG MODELS
Model GKG __ __ __ 27 Shown
• Special “drive assembly” with
pointed spring fingers to engage rotor
upper surface contour. Spring fingers
also provide proper tension for smooth
torque and low resistance.
• Special rotor with die-formed “drive”
contour on upper surface.
• Flat-lapped and lubricated surfaces
join for reliable capacitance settings.
• Special ceramic stator insert
with metalized electrode.
• Solid one-piece housing with integrally
molded terminals and contact areas.
Central tubular column is spun-out
into a flare after assembly to maintain
built-in spring tension.


Similar Description - GKU40010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
SG-660B ETC2-SG-660B Datasheet
125Kb / 4P
   AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com