Electronic Components Datasheet Search |
|
1-66359-0 Datasheet(PDF) 9 Page - Tyco Electronics |
|
1-66359-0 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 9 page 17 17 Catalog 65910 Dimensions are in inches and Dimensions are shown for Technical Support Revised 7-07 millimeters unless otherwise reference purposes only. USA: 1-800-522-6752 Central America: 52-55-5-729-0425 specified. Values in brackets Specifications subject to change. Canada: 1-905-475-6222 South America: 55-11-3611-1514 are metric equivalents. Mexico: 01-800-733-8926 www.tycoelectronics.com AMP Precision Pin and Socket Contacts Note: All part numbers are RoHS compliant. Pin Pin Socket Socket Size 20 DF, Solder, Snap-In Contact Size—20 *See Product Spec 108-40005 Material Pin—Brass Socket—Phosphor bronze Contact Finish Gold flash over nickel on entire contact, with additional .000030 [0.00076] gold on mating end Contacts to be soldered to wire before being inserted into housing. 18 AWG [0.8-0.9 mm2] Max. Wire Strip Form Loose Piece Contact No. Contact No. Pin Socket Pin Socket 66570-2 66569-2 66570-3 66569-3 .085 [2.16] Dia. Max. .390 [9.91] .133 [3.38] Max. .560 [14.22] Ref. .085 [2.16] Dia. Max. .070 [1.78] Dia. Max. .580 [14.73] .0400±.0015 [1.02±0.034] Dia. .155 [3.94] Localized Gold Plate Area Signal Contacts (Continued) |
Similar Part No. - 1-66359-0 |
|
Similar Description - 1-66359-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |