Electronic Components Datasheet Search |
|
66358-9 Datasheet(PDF) 8 Page - Tyco Electronics |
|
66358-9 Datasheet(HTML) 8 Page - Tyco Electronics |
8 / 9 page 16 Catalog 65910 Dimensions are in inches and Dimensions are shown for Technical Support Revised 7-07 millimeters unless otherwise reference purposes only. USA: 1-800-522-6752 Central America: 52-55-5-729-0425 specified. Values in brackets Specifications subject to change. Canada: 1-905-475-6222 South America: 55-11-3611-1514 are metric equivalents. Mexico: 01-800-733-8926 www.tycoelectronics.com AMP Precision Pin and Socket Contacts Signal Contacts (Continued) Without Insulation Support Pin Pin Socket Socket Color Wire Contact Contact Part Nos. Tooling** Code Size Ins. Dia. Finish Pin Socket Strip Form Hand (Loose Range Max. Code Strip Form Loose Piece Strip Form Loose Piece Applicator Tool Piece) 28-24 AWG .068 A 205310-2 — 205311-3 — [0.08-0.2 1.73 C — — —— †† —— mm2] 24-20 AWG .068 A 205202-2 — 205201-3 205201-5 Red [0.2-0.6 1.73 C 205202-6 205202-7 205201-6 205201-7 †† 91548-1 Dot mm2] 22-18 A 745229-2 745229-4 745230-2 745230-4 AWG .068 B 1-745229-1 — 1-745230-1 1-745230-3 Green [0.4-0.8 1.73 C 745229-5 745229-7 745230-5 745230-7 †† 91513-1 Dot mm2] D — — 745230-8 — .085 [2.16] Dia. Max. .390 [9.91] .550 [14.0] .100 [2.54] Point of Measurement .530 [13.46] .085 [2.16] Dia. Max. .0400±.0015 [1.02±0.034] Dia. .150 [3.81] Localized Gold Plate Area Size 20 DF, Crimp, Snap-In (Continued) ††For complete information on AMP Strip Form Applicators for fully automatic and semiautomatic machines, contact Technical Support: 1-800-522-6752. Note: Wire insulation diameter is limited by the connector housing cavity and clearance for the insertion/extraction tool. **There are power options available for these tools/dies. See Battery Powered Crimp tool Kit and SDE Electric Terminator on page 30. Note: All part numbers are RoHS compliant except: Indicates non-RoHS compliant. |
Similar Part No. - 66358-9 |
|
Similar Description - 66358-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |