Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317F3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # LM317F3
Description  Three Terminal Adjustable Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317F3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  LM317F3 Datasheet HTML 1Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 2Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C513F3
Issued Date : 2003.05.24
Revised Date :2010.07.22
Page No. : 3/11
LM317F3
CYStek Product Specification
Ordering Information
Device
Package
Shipping
Marking
LM317F3
TO-263
(Pb-free)
1000 pcs / Tape & Reel
LM317
Characteristic Curves
Reference Voltage vs Temperature
1.235
1.24
1.245
1.25
1.255
1.26
-50
-25
0
25
50
75
100
125
Temperature(℃)
Adjustment Current vs Temperature
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
Temperature(℃)
Dropout Voltage vs Input-Output Voltage Difference
1
1.5
2
2.5
3
0
25
50
75
100
125
Temperature(℃)
Vo=100mA
IL=1.5A
IL=1A
IL=500mA
IL=200mA
IL=20mA


Similar Part No. - LM317F3

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM317F HTC-LM317F Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
LM317F HTC-LM317F Datasheet
106Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
More results

Similar Description - LM317F3

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com