Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317F3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM317F3
Description  Three Terminal Adjustable Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317F3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button LM317F3 Datasheet HTML 2Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 9Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C513F3
Issued Date : 2003.05.24
Revised Date :2010.07.22
Page No. : 6/11
LM317F3
CYStek Product Specification
Fig 4. Ripple Rejection Test Circuit
Application Information
Basic Circuit Operation
The LM317 is a 3-terminal floating regulator. In operation, the LM317 develops and maintains a nominal
1.25V reference (Vref) between its output and adjustment terminals. This reference voltage is converted
to a programming current (Iprog) by R1(see Fig 5), and this constant current flows through R2 to ground.
The regulated output voltage is given by:
Vout=Vref
(1+R2/R1)+IAdjR2
Since the current from the adjustment terminal (IAdj) represents an error term in the equation, the LM317
was designed to control IAdj to less than 100 μA and keep it constant. To do this, all quiescent operating
current is returned to the output terminal. This imposes the requirement for a minimum load current. If
the load current is less than this minimum, the output voltage will rise.
Since the LM317 is a floating regulator, it is only the voltage differential across the circuit which is
important to performance, and operation at high voltages with respect to ground is possible.
Fig 5. Basic Circuit Configuration


Similar Part No. - LM317F3

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM317F HTC-LM317F Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
LM317F HTC-LM317F Datasheet
106Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
More results

Similar Description - LM317F3

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com