Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317J3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # LM317J3
Description  Three Terminal 1.5A Adjustable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317J3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  LM317J3 Datasheet HTML 1Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C513J3
Issued Date : 2007.12.19
Revised Date : 2010.07.22
Page No. : 5/12
LM317J3
CYStek Product Specification
Fig 2. Load Regulation and ∆IAdj/Load test circuit
Fig 3. Standard Test Circuit
To calculate R2: Vout=ISETR2+1.250V
Assume ISET=5.25mA
Pulse testing required.
1% Duty Cycle is suggested.
Vo(min load)-Vo(max load)
Load Regulation(mV)=Vo(min load)-Vo(max load)
Load Regulation(%Vo)=
×
100
Vo(min load)


Similar Part No. - LM317J3

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
More results

Similar Description - LM317J3

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317 Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Cystech Electonics Corp...
LM317F3 CYSTEKEC-LM317F3 Datasheet
300Kb / 11P
   Three Terminal Adjustable Output
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com