Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM324QD Datasheet(HTML) 3 Page - Cystech Electonics Corp.

Part No. LM324QD
Description  Quadruple Operational Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYSTEKEC [Cystech Electonics Corp.]
Homepage  http://www.cystekec.com
Logo 

LM324QD Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  LM324QD Datasheet HTML 3Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
CYStech Electronics Corp.
Spec. No. : C564QD
Issued Date : 2012.12.11
Revised Date :
Page No. : 3/10
LM324QD
CYStek Product Specification
RO=2.5V, no load
0~70°C
-
1.5
2.4
mA
Power Supply Current (four
amplifiers)
VCC=30V, VO=0.5VCC, no
load
0~70°C
ICC
-
1.1
3
mA
25°C
25
100
-
Large Signal Differential Voltage
Amplification
VCC=15V, VO(p)=1V to
11V, RL≥2kΩ
0~70°C
AVD
15
-
-
V/mV
RL=2kΩ
25°C
VCC-1.5
-
-
VCC=30V, RL=2kΩ
0~70°C
26
-
-
High Level Output Voltage
VCC=30V, RL=10kΩ
0~70°C
VOH
27
28
-
V
Low Level Output Voltage
RL=10kΩ
0~70°C
VOL
-
5
20
mV
Common Mode Rejection Ratio
VCC=5V to 30V
VIC=VICR min
25°C
CMRR
65
80
-
dB
Power Supply Rejection Ratio
VCC=5V to 30V
25°C
PSRR
65
100
-
dB
Channel Crosstalk Attenuation
f=1kHz to 20kHz
25°C
CS
-
120
-
dB
Short Circuit Output Current
VCC at 5V, GND at -5V,
VO=0V
25°C
ISC
-
±
40
±
60
mA
25°C
-20
-30
-
VCC=15V, VID=1V,
VO=0V
0~70°C
-10
-
-
mA
25°C
10
20
-
VCC=15V, VID=-1V,
VO=15V
0~70°C
5
-
-
mA
Output Current
VID=-1V, VO=0.2V
25°C
IO
12
30
-
μA
Ordering Information
Device
Package
Shipping
LM324QD-0-T3-G
SOP-14
(Pb-free lead plating and halogen-free package)
2500 pcs/ Tape & Reel


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn