Electronic Components Datasheet Search |
|
1-66103-8 Datasheet(PDF) 5 Page - Tyco Electronics |
|
1-66103-8 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 9 page 13 Catalog 65910 Dimensions are in inches and Dimensions are shown for Technical Support Revised 7-07 millimeters unless otherwise reference purposes only. USA: 1-800-522-6752 Central America: 52-55-5-729-0425 specified. Values in brackets Specifications subject to change. Canada: 1-905-475-6222 South America: 55-11-3611-1514 are metric equivalents. Mexico: 01-800-733-8926 www.tycoelectronics.com AMP Precision Pin and Socket Contacts Signal Contacts (Continued) Material and Finish — See chart. Contact Body—Copper Nickel Alloy Retention Spring—Stainless steel Related Product Data Application Tooling — Pages 75-78 Technical Documents 114-10004 Application Specification 108-10024-2 Product Specification Enhanced High Current Type III+, Crimp, Snap-In Ratings Multiplication Rating Factor (F) Pin Socket [.0625 +.0010 –.0020 [1.588 +0.025] –0.051 Dia. Max. Dia. Pin Body Spring, Stainless Steel Spring, Stainless Steel Ferrule, Brass, Nickel Flash .530±.010 [13.46±0.25] .113 [2.87] .390 [9.91] Min. Contact Size 16—Pin Diameter .062 [1.57] Wire Size Ins. Contact Strip Form Loose Piece Tooling Part No.** Range Dia. Finish Contact No. Contact No. Loose Piece Strip Form AWG mm2 Range Pin Socket Pin Socket Hand Tool Applicators 466326-□*** .080-.1001 Gold 1-66359-6 1-66358-9 1-66361-4 1-66360-4 91519-13 or 18-14 0.8-2.0 2.03-2.54 Tin 1-66359-9 2-66358-1 1-66361-6 1-66360-6 466923-2*** .110-.1502 Gold 1-66597-0 1-66598-1 66602-9 1-66601-0 466958-1*** 2.79-3.81 Tin 1-66597-1 1-66598-2 1-66602-0 1-66601-2 91521-13 or 567364-□*** Socket Pin 1 Overall insulation crimp diameter, including crimp barrel, must not exceed .125 [3.18]. 2 Contacts can ONLY be used in CPC, Series 1 (Arr. 23-24), Series 4 (Arr. 23-13M, 23-16M, 23-22M), and VDE connectors. 3 To use with the 626 Pneumatic Tool System: remove the crimping head from the Straight Action Hand Tool (SAHT) Assembly, order SAHT Adapter Part No. 217201-1, Adapter Holder Part No. 356304-1 (with ratchet) or 189928-1 (without), and Power Unit Part No. 189721-1 (hand actuated) or 189722-1 (foot actuated). **There are power options available for these tools/dies. See Battery Powered Crimp tool Kit and SDE Electric Terminator on page 30. *** Call Technical Support for Automatic Machine Applicator Part Numbers. Note: All part numbers are RoHS compliant. Voltage: 250 Volts AC/DC 600 Volts AC/DC, Series I, VDE tested and select loaded only Base Current: Type III+ contacts: 17 amperes, 30˚C temperature rise with single contact on 14 AWG wire Enhanced High Current Type III+ contacts: 25 amperes, 30˚C temperature rise with single contact on 14 AWG wire Temperature: -55˚C to +105˚C VDE 0627: XA/630/4KV/2 - Series I, VDE tested only Type III+ Contacts (Note: 1 = 17 amperes) Single Circuit ≅ 50% 100% Shell Size Wire Size Wire Size Wire Size 30 AWG 14 AWG 30 AWG 14 AWG 30 AWG 14 AWG 11-4 .291 1 .212 .905 .140 .684 13-9 .278 .995 .175 .750 .134 .567 17-16 .270 .990 .146 .625 .127 .472 23-24 .281 .985 .138 .550 .120 .416 23-37 .275 .985 .131 .497 .114 .376 Enhanced High Current Type III+ Contacts (14 AWG wire only - Note: 1 = 25 amperes) Single Circuit ≅ 50% 100% Shell Size 14 AWG 14 AWG 14 AWG 11-4 .880 .840 .640 13-9 .880 .640 .480 17-16 .880 .520 .400 23-24 .880 .520 .400 23-37 .880 .440 .320 Percent Connector Loading Percent Connector Loading Enhanced High Current Contacts & M Series Connectors: (Note: 1 = 24 amperes) Single Circuit ≅ 50% ≅ 100% 14 AWG 14 AWG 14 AWG 1 .292 .250 Enhanced High Current Contacts & Metrimate Connectors: (Note: 1 = 24 amperes) Single Circuit ≅ 50% ≅ 100% 14 AWG 14 AWG 14 AWG 1 .458 .375 |
Similar Part No. - 1-66103-8 |
|
Similar Description - 1-66103-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |