Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66099-1 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 66099-1
Description  Signal Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

66099-1 Datasheet(HTML) 9 Page - Tyco Electronics

  66099-1 Datasheet HTML 1Page - Tyco Electronics 66099-1 Datasheet HTML 2Page - Tyco Electronics 66099-1 Datasheet HTML 3Page - Tyco Electronics 66099-1 Datasheet HTML 4Page - Tyco Electronics 66099-1 Datasheet HTML 5Page - Tyco Electronics 66099-1 Datasheet HTML 6Page - Tyco Electronics 66099-1 Datasheet HTML 7Page - Tyco Electronics 66099-1 Datasheet HTML 8Page - Tyco Electronics 66099-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
17
17
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
Note: All part numbers are RoHS compliant.
Pin
Pin
Socket
Socket
Size 20 DF, Solder, Snap-In
Contact Size—20
*See Product Spec 108-40005
Material
Pin—Brass
Socket—Phosphor bronze
Contact Finish
Gold flash over nickel on entire contact,
with additional .000030 [0.00076] gold
on mating end
Contacts to be soldered to wire
before being inserted into housing.
18 AWG [0.8-0.9 mm2] Max. Wire
Strip Form
Loose Piece
Contact No.
Contact No.
Pin
Socket
Pin
Socket
66570-2
66569-2
66570-3
66569-3
.085
[2.16]
Dia. Max.
.390
[9.91]
.133
[3.38]
Max.
.560
[14.22]
Ref.
.085
[2.16]
Dia. Max.
.070
[1.78]
Dia. Max.
.580
[14.73]
.0400±.0015
[1.02±0.034]
Dia.
.155
[3.94]
Localized Gold Plate Area
Signal Contacts (Continued)


Similar Part No. - 66099-1

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66099-401 MICROPAC-66099-401 Datasheet
87Kb / 2P
   HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
66099-415 MICROPAC-66099-415 Datasheet
87Kb / 2P
   HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
More results

Similar Description - 66099-1

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
G125-1010005 HARWIN-G125-1010005 Datasheet
194Kb / 2P
   G125 SERIES MALE CRIMP SIGNAL CONTACTS
logo
Winchester Electronics ...
RM27W2S-50-ZB WINCHESTER-RM27W2S-50-ZB Datasheet
96Kb / 1P
   27W2S HOUSING WITH SOLDER CUP SIGNAL CONTACTS
logo
Picker Components
PC324S PICKER-PC324S_17 Datasheet
557Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
PC324 PICKER-PC324_17 Datasheet
551Kb / 2P
   Subminiature PCB Signal Relay With Bifurcated Contacts
logo
PHOENIX CONTACT
1627760 PHOENIX-1627760 Datasheet
128Kb / 5P
   Silver-plated surface of the power and signal contacts
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
1628218 PHOENIX-1628218 Datasheet
228Kb / 8P
   Silver-plated surface of the power and signal contacts
logo
Molex Electronics Ltd.
0459856251 MOLEX6-0459856251 Datasheet
471Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 28 Signal Contacts
1202300022 MOLEX-1202300022 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Crimp Contacts, 9 Poles
1202300010 MOLEX-1202300010 Datasheet
39Kb / 1P
   Brad M23 Signal Connector, Straight Female, Solder Contacts, 7 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com