Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1850-0000-000N0HW240F Datasheet(PDF) 11 Page - Cree, Inc

Part # CXA1850-0000-000N0HW240F
Description  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1850-0000-000N0HW240F Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA1850-0000-000N0HW240F Datasheet HTML 7Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 8Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 9Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 10Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 11Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 12Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 13Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 14Page - Cree, Inc CXA1850-0000-000N0HW240F Datasheet HTML 15Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
11
XLamp CXa1850 LED
cree easyWhite bins Plotted on the cie 1931 color sPace (t
J = 85 °c)
cree ansi White bins Plotted on the cie 1931 color sPace (t
J = 85 °c)
2700K
3000K
3500K
4000K
4500K
5000K
5700K
6500K
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C76.377 Quadrangle
EasyWhite 4-step
EasyWhite 2-step
4000K
4500K
5000K
5700K
6500K
3A
3B
3C
3D
5A
5B
5C
5D
1A
1B
1C
1D
2A
2B
2C
2D
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
CCx
ANSI C76.377 Quadrangle


Similar Part No. - CXA1850-0000-000N0HW240F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1851 SONY-CXA1851 Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
More results

Similar Description - CXA1850-0000-000N0HW240F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com