Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1310-0000-000F0YF427H Datasheet(PDF) 11 Page - Cree, Inc

Part # CXA1310-0000-000F0YF427H
Description  XLamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1310-0000-000F0YF427H Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA1310-0000-000F0YF427H Datasheet HTML 7Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 8Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 9Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 10Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 11Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 12Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 13Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 14Page - Cree, Inc CXA1310-0000-000F0YF427H Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
11
XLamp CXa1310 LED
relatiVe luminous fluX - continued
Therelativeluminousfluxvaluesprovidedbelowaretheratioof:
• measurements of CXA1310 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 350 mA at T
J = 85 °C for the 36-v CXA1310 LeD.
For example, at steady-state operation of Tc = 55 °C, I
F=250mA,therelativeluminousfluxratiois80%inthechart
below. A CXA1310 LeD that measures 1200 lm during binning will deliver 960 lm (1200 * 0.8) at steady-state operation
of Tc = 55 °C, I
F = 250 mA.
0%
40%
80%
120%
160%
200
250
300
350
400
450
500
550
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
36 V


Similar Part No. - CXA1310-0000-000F0YF427H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
More results

Similar Description - CXA1310-0000-000F0YF427H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com