Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1548JBD100 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC1548JBD100
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1548JBD100 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC1548JBD100 Datasheet HTML 36Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 37Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 38Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 39Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 40Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 41Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 42Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 43Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
40 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.24.1 Features
12-bit successive approximation analog-to-digital converter.
12-bit conversion rate of 2 MHz.
Input multiplexing among 12 pins and up to 4 internal sources.
Internal sources are the temperature sensor voltage, internal reference voltage, core
voltage regulator output, and VDDA/2.
Two configurable conversion sequences with independent triggers.
Optional automatic high/low threshold comparison and zero-crossing detection.
Power-down mode and low-power operating mode.
Measurement range VREFN to VREFP (typically 3 V; not to exceed VDDA voltage
level).
Burst conversion mode for single or multiple inputs.
Synchronous or asynchronous operation. Asynchronous operation maximizes
flexibility in choosing the ADC clock frequency, Synchronous mode minimizes trigger
latency and can eliminate uncertainty and jitter in response to a trigger.
8.25 Digital-to-Analog Converter (DAC)
The DAC supports a resolution of 12 bits. Conversions can be triggered by an external pin
input or an internal timer.
The DAC includes an optional automatic hardware shut-off feature which forces the DAC
output voltage to zero while a HIGH level on the external DAC_SHUTOFF pin is detected.
8.25.1 Features
12-bit digital-to-analog converter.
Supports DMA.
Internal timer or pin external trigger for staged, jitter-free DAC
conversion sequencing.
Automatic hardware shut-off triggered by an external pin.
8.26 Analog comparator (ACMP)
The LPC15xx include four analog comparators with seven selectable inputs each for each
positive or negative input channel. Two analog inputs are common to all four comparators.
Internal voltage inputs include a voltage ladder reference with selectable voltage supply
source, the temperature sensor or the internal voltage reference.
The analog inputs to the comparators are fixed-pin functions and must be enabled through
the switch matrix.
The outputs of each analog comparator are internally connected to the ADC trigger inputs
and to the SCT inputs, so that the result of a voltage comparison can trigger a timer
operation or an analog-to-digital conversion.


Similar Part No. - LPC1548JBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1548JBD100 NXP-LPC1548JBD100 Datasheet
1Mb / 107P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
More results

Similar Description - LPC1548JBD100

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
LPC11E6X NXP-LPC11E6X Datasheet
2Mb / 90P
   32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
Rev.1.5-12 August 2020
LPC15XX NXP-LPC15XX Datasheet
1Mb / 107P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com