Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1548JBD100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1548JBD100
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1548JBD100 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1548JBD100 Datasheet HTML 1Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 2Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 3Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 4Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 5Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 6Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 7Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 8Page - NXP Semiconductors LPC1548JBD100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
5 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
4.1 Ordering options
Table 2.
Ordering options for LPC15xx
Type number
Flash/
kB
EEPROM/
kB
Total
SRAM/
kB
USB
USART
I2C SPI
C_CAN SCTimer/
PWM
12-bit
ADC0/1
channels
DAC GPIO
LPC1549JBD100 256
4
36
yes
3
1
2
1
4
12/12
1
76
LPC1549JBD64
256
4
36
yes
3
1
2
1
4
12/12
1
44
LPC1549JBD48
256
4
36
yes
3
1
2
1
4
9/7
1
30
LPC1548JBD100 128
4
20
yes
3
1
2
1
4
12/12
1
76
LPC1548JBD64
128
4
20
yes
3
1
2
1
4
12/12
1
44
LPC1547JBD64
64
4
12
yes
3
1
2
1
4
12/12
1
44
LPC1547JBD48
64
4
12
yes
3
1
2
1
4
9/7
1
30
LPC1519JBD100 256
4
36
no
3
1
2
1
4
12/12
1
78
LPC1519JBD64
256
4
36
no
3
1
2
1
4
12/12
1
46
LPC1518JBD100 128
4
20
no
3
1
2
1
4
12/12
1
78
LPC1518JBD64
128
4
20
no
3
1
2
1
4
12/12
1
46
LPC1517JBD64
64
4
12
no
3
1
2
1
4
12/12
1
46
LPC1517JBD48
64
4
12
no
3
1
2
1
4
9/7
1
32


Similar Part No. - LPC1548JBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1548JBD100 NXP-LPC1548JBD100 Datasheet
1Mb / 107P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
More results

Similar Description - LPC1548JBD100

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
LPC11E6X NXP-LPC11E6X Datasheet
2Mb / 90P
   32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
Rev.1.5-12 August 2020
LPC15XX NXP-LPC15XX Datasheet
1Mb / 107P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com