Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1517JBD64 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC1517JBD64
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1517JBD64 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC1517JBD64 Datasheet HTML 42Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 43Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 44Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 45Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 46Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 47Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 48Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 49Page - NXP Semiconductors LPC1517JBD64 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
46 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
8.36.1 Internal RC oscillator
The IRC can be used as the clock that drives the system PLL and then the CPU. In
addition, the IRC can be selected as input to various clock dividers and as the clock
source for the USB PLL and the SCT PLL (see Figure 14). The nominal IRC frequency is
12 MHz.
Upon power-up, any chip reset, or wake-up from Deep power-down mode, the LPC15xx
use the IRC as the clock source. Software can later switch to one of the other available
clock sources.
8.36.2 System oscillator
The system oscillator can be used as a stable and accurate clock source for the CPU, with
or without using the PLL. For USB applications, use the system oscillator to provide the
clock source to USB PLL.
The system oscillator operates at frequencies of 1 MHz to 25 MHz. This frequency can be
boosted to a higher frequency, up to the maximum CPU operating frequency, by the
system PLL.
The system oscillator has a wake-up time of approximately 500
μs.
8.36.3 Watchdog oscillator
The low-power watchdog oscillator can be used as a clock source that directly drives the
CPU, the watchdog timer, or the CLKOUT pin. The watchdog oscillator nominal frequency
is fixed at 503 kHz. The frequency spread over processing and temperature is
40 %.
8.36.4 RTC oscillator
The low-power RTC oscillator provides a 1 Hz clock and a 1 kHz clock to the RTC and a
32 kHz clock output that can be used to obtain the main clock (see Figure 14).The 32 kHz
oscillator output can be observed on the CLKOUT pin to allow trimming the RTC oscillator
without interference from a probe.
8.37 System PLL, USB PLL, and SCT PLL
The LPC15xx contain a three identical PLLs for generating the system clock, the 48 MHz
USB clock, and an asynchronous clock for the ADCs and SCTs. The system PLL is used
to create the main clock. The SCT and USB PLLs create dedicated clocks for the
asynchronous ADC, the asynchronous SCT clock input, and the USB.
Remark: The USB PLL is available on parts LPC1549/48/47 only.
The PLL accepts an input clock frequency in the range of 10 MHz to 25 MHz. The input
frequency is multiplied up to a high frequency with a Current Controlled Oscillator (CCO).
The multiplier can be an integer value from 1 to 32. The CCO operates in the range of
156 MHz to 320 MHz. To support this frequency range, an additional divider keeps the
CCO within its frequency range while the PLL is providing the desired output frequency.
The output divider can be set to divide by 2, 4, 8, or 16 to produce the output clock. The
PLL output frequency must be lower than 100 MHz. Since the minimum output divider
value is 2, it is insured that the PLL output has a 50 % duty cycle. The PLL is turned off
and bypassed following a chip reset. Software can enable the PLL later. The program
must configure and activate the PLL, wait for the PLL to lock, and then connect to the PLL
as a clock source. The PLL settling time is 100
s.


Similar Part No. - LPC1517JBD64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1517JBD64 NXP-LPC1517JBD64 Datasheet
1Mb / 107P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
More results

Similar Description - LPC1517JBD64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
LPC11E6X NXP-LPC11E6X Datasheet
2Mb / 90P
   32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
Rev.1.5-12 August 2020
LPC15XX NXP-LPC15XX Datasheet
1Mb / 107P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com