Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFA75F-3R3-Y Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LFA75F-3R3-Y
Description  AC-DC Power Supplies Open Frame/ Enclosed type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LFA75F-3R3-Y Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LFA75F-3R3-Y Datasheet HTML 2Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 3Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 4Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 5Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 6Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 7Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 8Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 9Page - List of Unclassifed Manufacturers LFA75F-3R3-Y Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LFA-7
LFA30F
External view
Block diagram
AC IN
85
264V
NOISE
FILTER
CONTROL
INVERTER
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
DC OUT
FG
TRANSFORMER
CONTROL
FUSE
AC250V
3.15A
Photocoupler
Photocoupler
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
INRUSH
CURRENT
LIMIT
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1, 2
-V
3, 4
+V
¶ Keep drawing current per pin below 5A for CN2.
I/O Connector
Mating connector
CN1
1-1123724-3
1-1123722-5
Chain
Loose
CN2
1-1123723-4
1-1123722-4
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:
Tyco Electronics)
¶ I/O Connector is Mfr. Tyco Electronics
¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5.
¶ Tolerance : ±1 [±0.04]
¶ Weight: 130g max (without chassis and cover)
¶ PCB material / thickness : CEM3 / 1.6mm
¶ Optional chassis and cover material : Electric galvanizing steel board.
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque (Mounting hole of chassis) : 0.6N
-m (6.3kgf-cm) max
Standard type
Chassis and cover type
Mounting Hole
Point B
Point A
PCB t=1.6
Input(L)
Input(N)
Voltage adjust
(LFA30F-3R3-Y or optional)
Output(+)
Output(-)
3-
f3.5
Mounting Hole
Name plate
1
3
5
FG
CN1
2
1
CN2
3
4
4
105
95
±0.5
5
4
3
CN2
1
2
CN1
5
3
1
Output(-)
Output(+)
FG
Input(L)
Input(N)
f3.5
2-M3
Mounting Hole
4-M3
Mounting Hole
f3.5
125
5
115 ±0.5
5
115 ±0.5
¶ 4 Mounting holes are existing.
¶ The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
¶ Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
¶ Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
¶1 Surface mount device
¶1
4.5
FG
[0.2]
[0.16]
[4.13]
[0.18]
[0.2]
[0.2]
[4.92]
[3.74]
[4.53]
[4.53]
LFA


Similar Part No. - LFA75F-3R3-Y

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LFA75F-3R3-Y RSG-LFA75F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA75F-3R3-Y RSG-LFA75F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results

Similar Description - LFA75F-3R3-Y

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com