Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34063AQ8 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM34063AQ8
Description  DC-to-DC Converter Control Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM34063AQ8 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  LM34063AQ8 Datasheet HTML 1Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 2Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 3Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 4Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 5Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 6Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 7Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 8Page - Cystech Electonics Corp. LM34063AQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C501Q8
Issued Date : 2003.03.21
Revised Date :2011.09.06
Page No. : 6/9
LM34063AQ8
CYStek Product Specification
Characteristic Curves
Output Switch On-Off Time vs Oscillator
Timing Capacitance
1
10
100
1000
0.01
0.1
1
10
Oscillator Timing Capacitance---CT(nF)
ton
toff
VCC=5.0V
Pin 7=VCC
Pin 5=GND
TA=25℃
Emitter Follower Configuration Output
Saturation Voltage vs Emitter Current
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Emitter Current---IE(A)
VCC=5V
Pins 1,7,8=VCC
Pins 3,5=Gnd
TA=25℃
(See Note )
Common Emitter Configuration Output Switch
Saturation Voltage vs Collector Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Collector Current---IC(A)
Darlington Connection
Forced β=20
VCC=5V
Pin 7=VCC
Pins 2,3,5=Gnd
TA=25℃
(See Note)
Current Limit Sense Voltage vs Temperature
200
220
240
260
280
300
320
340
360
380
400
-75
-50
-25
0
25
50
75
100 125
Ambient Temperature---TA(℃)
VCC=5.0V
Ichg=Idischg
Standby Supply Current vs Supply Voltage
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
0
5
10
15
20
25
30
35
40
Supply Voltage---VCC(V)
CT=10nF
Pin 7=VCC
Pin 2=Gnd
Note: Low duty cycle pulse techniques are used during test
to maintain junction temperature as close to ambient
temperature as possible.


Similar Part No. - LM34063AQ8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 TI1-LM3406 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406HV NSC-LM3406HV Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM34063AQ8

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
   1.5Amp DC-to-DC Converter Control Circuit
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com