Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1221K31Y5SG6V0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VY1221K31Y5SG6V0
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1221K31Y5SG6V0 Datasheet(HTML) 2 Page - Vishay Siliconix

  VY1221K31Y5SG6V0 Datasheet HTML 1Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 2Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 3Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 4Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 5Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 6Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 7Page - Vishay Siliconix VY1221K31Y5SG6V0 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-13
2
Document Number: 28537
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Straight leads are available on request
• Coating extension DR valid for straight leads only
• On request available: ± 10 % tolerance
(1) 15th digit of the clear text code number to be completed with the packaging code
DIMENSIONS
ORDERING INFORMATION
C
(pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
DMAX.
(mm)
BODY
THICKNESS
TMAX.
(mm)
LEAD
SPACING
F
(mm)
CLEAR TEXT CODE
15TH DIGIT:
T = REEL; U = AMMO; 3 = BULK (1)
RoHS COMPLIANT
RoHS AND HALOGEN-FREE
10
± 10
U2J (N750)
8.0
5.0
10.0
VY1100K31U2JQ6*V0
VY1100K31U2JG6*V0
15
VY1150K31U2JQ6*V0
VY1150K31U2JG6*V0
22
VY1220K31U2JQ6*V0
VY1220K31U2JG6*V0
33
Y5S (2C3)
VY1330K31Y5SQ6*V0
VY1330K31Y5SG6*V0
47
VY1470K31Y5SQ6*V0
VY1470K31Y5SG6*V0
68
VY1680K31Y5SQ6*V0
VY1680K31Y5SG6*V0
100
VY1101K31Y5SQ6*V0
VY1101K31Y5SG6*V0
150
VY1151K31Y5SQ6*V0
VY1151K31Y5SG6*V0
220
VY1221K31Y5SQ6*V0
VY1221K31Y5SG6*V0
330
VY1331K31Y5SQ6*V0
VY1331K31Y5SG6*V0
470
± 20
Y5U (2E3)
VY1471M31Y5UQ6*V0
VY1471M31Y5UG6*V0
680
VY1681M31Y5UQ6*V0
VY1681M31Y5UG6*V0
1000
9.0
VY1102M35Y5UQ6*V0
VY1102M35Y5UG6*V0
1500
10.5
VY1152M41Y5UQ6*V0
VY1152M41Y5UG6*V0
2200
12.0
VY1222M47Y5UQ6*V0
VY1222M47Y5UG6*V0
3300
15.0
VY1332M59Y5UQ6*V0
VY1332M59Y5UG6*V0
3900
15.5
VY1392M61Y5UQ6*V0
VY1392M61Y5UG6*V0
4700
16.0
VY1472M63Y5UQ6*V0
VY1472M63Y5UG6*V0
10
± 10
U2J (N750)
8.0
5.0
12.5
VY1100K31U2JQ6*VX
VY1100K31U2JG6*VX
15
VY1150K31U2JQ6*VX
VY1150K31U2JG6*VX
22
VY1220K31U2JQ6*VX
VY1220K31U2JG6*VX
33
Y5S (2C3)
VY1330K31Y5SQ6*VX
VY1330K31Y5SG6*VX
47
VY1470K31Y5SQ6*VX
VY1470K31Y5SG6*VX
68
VY1680K31Y5SQ6*VX
VY1680K31Y5SG6*VX
100
VY1101K31Y5SQ6*VX
VY1101K31Y5SG6*VX
150
VY1151K31Y5SQ6*VX
VY1151K31Y5SG6*VX
220
VY1221K31Y5SQ6*VX
VY1221K31Y5SG6*VX
330
VY1331K31Y5SQ6*VX
VY1331K31Y5SG6*VX
470
± 20
Y5U (2E3)
VY1471M31Y5UQ6*VX
VY1471M31Y5UG6*VX
680
VY1681M31Y5UQ6*VX
VY1681M31Y5UG6*VX
1000
9.0
VY1102M35Y5UQ6*VX
VY1102M35Y5UG6*VX
1500
10.5
VY1152M41Y5UQ6*VX
VY1152M41Y5UG6*VX
2200
12.0
VY1222M47Y5UQ6*VX
VY1222M47Y5UG6*VX
3300
15.0
VY1332M59Y5UQ6*VX
VY1332M59Y5UG6*VX
3900
15.5
VY1392M61Y5UQ6*VX
VY1392M61Y5UG6*VX
4700
16.0
VY1472M63Y5UQ6*VX
VY1472M63Y5UG6*VX
SH = 4.0 mm max.
L = 30.0 mm
± 5.0 mm
T
D
F
Ø d 0.6 mm
e = 3.0 mm max.
Capacitors with 10.0 mm and 12.5 mm lead spacing


Similar Part No. - VY1221K31Y5SG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1221K31Y5SG6V0 VISHAY-VY1221K31Y5SG6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1221K31Y5SG6V0 VISHAY-VY1221K31Y5SG6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results

Similar Description - VY1221K31Y5SG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
VKP222MCQED0KR VISHAY-VKP222MCQED0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 02-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
WKP332MCPEJ0KR VISHAY-WKP332MCPEJ0KR Datasheet
144Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
VKP VISHAY-VKP Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com