Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100FP Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MBR10100FP
Description  10Amp. Schottky Barrier Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR10100FP Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MBR10100FP Datasheet HTML 1Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 2Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 3Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 4Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 5Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 6Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C463FP
Issued Date : 2009.03.19
Revised Date :2014.04.08
Page No. : 3/3
MBR10100FP
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
200
Case Temperature---TC(℃)
resistive or inductive load
per leg
Forward Current vs Forward Voltage
1
10
100
1000
10000
100000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
Tj=25℃
Tj=150℃
Per leg
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
0
204060
80
100
120
Reverse Voltage---VR(V)
Tj=75℃
Tj=25℃
Tj=125℃
Per leg
Junction Capacitance vs Reverse Voltage
10
100
1000
0.1
1
10
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Per Leg


Similar Part No. - MBR10100FP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
382Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100F MCC-MBR10100F Datasheet
195Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR10100F PANJIT-MBR10100F Datasheet
96Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR10100F SECOS-MBR10100F Datasheet
262Kb / 2P
   10Amp Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
99Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR10100FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBR10200FP CYSTEKEC-MBR10200FP Datasheet
377Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200J3 CYSTEKEC-MBR10200J3 Datasheet
386Kb / 8P
   10Amp. Schottky Barrier Rectifiers
MBR1060E3 CYSTEKEC-MBR1060E3 Datasheet
157Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10150E3 CYSTEKEC-MBR10150E3 Datasheet
159Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM1060DS1 SECOS-SM1060DS1_15 Datasheet
201Kb / 2P
   10Amp. Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK1040J3 CYSTEKEC-SK1040J3 Datasheet
250Kb / 6P
   10Amp. Schottky Barrier Rectifiers
MBR10100E3 CYSTEKEC-MBR10100E3 Datasheet
158Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR1060FP CYSTEKEC-MBR1060FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10120FP CYSTEKEC-MBR10120FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10200DS1 SECOS-SM10200DS1 Datasheet
190Kb / 2P
   10Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com