Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100FP Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MBR10100FP
Description  10Amp. Schottky Barrier Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR10100FP Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MBR10100FP Datasheet HTML 1Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 2Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 3Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 4Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 5Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 6Page - Cystech Electonics Corp. MBR10100FP Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C463FP
Issued Date : 2009.03.19
Revised Date :2014.04.08
Page No. : 2/2
MBR10100FP
CYStek Product Specification
Maximum Ratings and Electrical Characteristics (Per Diode Leg)
(
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.)
Parameter
Symbol
Min.
Typ.
Max.
Units
Maximum Recurrent peak reverse voltage
VRRM
100
V
Maximum RMS voltage
VRMS
70
V
Maximum DC blocking voltage
VDC
100
V
IF=5A, TC=25℃
0.85
IF=5A, TC=125℃
0.66
0.70
IF=10 A, TC=25℃
0.92
Maximum instantaneous
forward voltage at
(Note 1)
IF=10A, TC=125℃
VF
0.80
V
Per Diode
5
Maximum Average forward
rectified current @ TC=168℃ Per Device
IF(AV)
10
A
Non-repetitive peak forward surge current @
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
110
A
Peak repetitive reverse surge current, TJ<175℃ (Note 1 )
IRRM
2.5
A
VR=100 V, TC=25℃
5
μA
Maximum instantaneous
reverse current at
VR=100 V, TC=125℃
IR
5
mA
Voltage rate of change, (rated VR)
dV/dt
10,000
V/μs
Typical junction capacitance @ f=1MHz and applied
5V reverse voltage
CJ
110
pF
ESD susceptibility (Note 2)
8000
V
Storage temperature range
Tstg
-65
+175
Operating junction temperature range
TJ
-65
+175
Notes : 1. 2.0μs pulse width, f=1.0kHz
2. Human body model, 1.5kΩ in series with 100pF
Thermal Data
Parameter
Symbol Value
Unit
Maximum Thermal Resistance, Junction-to-case
Rth,j-c
3.5
°C/W
Lead Temperature for Soldering Purposes : 1/8” from Case for 5seconds
TL
260
°C
Ordering Information
Device
Package
Shipping
MBR10100FP-0-UB-S
TO-220FP
(RoHS compliant package)
50 pcs / Tube, 40 Tubes/Box
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, UB : 50 pcs / tube, 20 tubes/box
Product rank, zero for no rank products
Product name


Similar Part No. - MBR10100FP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
382Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100F MCC-MBR10100F Datasheet
195Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR10100F PANJIT-MBR10100F Datasheet
96Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR10100F SECOS-MBR10100F Datasheet
262Kb / 2P
   10Amp Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR10100F MCC-MBR10100F Datasheet
99Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR10100FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBR10200FP CYSTEKEC-MBR10200FP Datasheet
377Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200J3 CYSTEKEC-MBR10200J3 Datasheet
386Kb / 8P
   10Amp. Schottky Barrier Rectifiers
MBR1060E3 CYSTEKEC-MBR1060E3 Datasheet
157Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10150E3 CYSTEKEC-MBR10150E3 Datasheet
159Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM1060DS1 SECOS-SM1060DS1_15 Datasheet
201Kb / 2P
   10Amp. Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK1040J3 CYSTEKEC-SK1040J3 Datasheet
250Kb / 6P
   10Amp. Schottky Barrier Rectifiers
MBR10100E3 CYSTEKEC-MBR10100E3 Datasheet
158Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR1060FP CYSTEKEC-MBR1060FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10120FP CYSTEKEC-MBR10120FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10200DS1 SECOS-SM10200DS1 Datasheet
190Kb / 2P
   10Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com