Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1332M59Y5UG6V0 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VY1332M59Y5UG6V0
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1332M59Y5UG6V0 Datasheet(HTML) 5 Page - Vishay Siliconix

  VY1332M59Y5UG6V0 Datasheet HTML 1Page - Vishay Siliconix VY1332M59Y5UG6V0 Datasheet HTML 2Page - Vishay Siliconix VY1332M59Y5UG6V0 Datasheet HTML 3Page - Vishay Siliconix VY1332M59Y5UG6V0 Datasheet HTML 4Page - Vishay Siliconix VY1332M59Y5UG6V0 Datasheet HTML 5Page - Vishay Siliconix VY1332M59Y5UG6V0 Datasheet HTML 6Page - Vishay Siliconix VY1332M59Y5UG6V0 Datasheet HTML 7Page - Vishay Siliconix VY1332M59Y5UG6V0 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-13
5
Document Number: 28537
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPROVALS
IEC 60384-14.3 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate
Y1-capacitor: CB test certificate:
US-19600-UL
10 pF to 4.7 nF
500 VAC
X1-capacitor: CB test certificate:
US-19600-UL
10 pF to 4.7 nF
760 VAC
VDE
Y1-capacitor: VDE marks approval:
40012673
10 pF to 4.7 nF
500 VAC
X1-capacitor: VDE marks approval:
40012673
10 pF to 4.7 nF
760 VAC
DIN EN 60384-14 VDE 0565-1-1:2006-04 - Safety tests
Underwriters Laboratories Inc./Canadian Standards Association
Y1-capacitor: CSA test certificate:
E183844
10 pF to 4.7 nF
500 VAC
X1-capacitor: CSA test certificate:
E183844
10 pF to 4.7 nF
760 VAC
UL 60384-14, CSA E60384-1:03, CSA E60384-14:09
Fixed capacitors for electromagnetic interference suppression and connection to the supply mains.
CQC
Y1-capacitor: CQC test certificate:
C0042538
10 pF to 4.7 nF
500 VAC
X1-capacitor: CQC test certificate:
C0042538
10 pF to 4.7 nF
760 VAC
MARKING
PERFORMANCE
TEST
TEST CONDITION
TEST LIMITS
Visual and
mechanical
inspection
Optical inspection, dimensions measured with caliper
No visible damage, marking legible
Capacitance
(C)
25 °C ± 3 °C , relative humidity (RH)
 75 %,
1.0 VRMS ± 0.2 VRMS at 1 kHz for Y5U and Y5S, and 1 MHz for U2J
Capacitance within specified tolerance
Dissipation
factor (DF)
DF
 0.3 % for U2J and
DF
 2.5 % for Y5S and Y5U
Insulation
resistance (IR)
Measured within 60 s ± 5 s after charging at 500 VDC
10 000 M
 min.
Dielectric
strength
4000 VAC at 50 Hz/60 Hz for 1 min, 50 mA max.
No failure
Temperature
characteristic
RH
 75 %, 1.0 V
RMS ± 0.2 VRMS at 1 kHz for Y5U and Y5S,
and 1 MHz for U2J
U2J: -750 ppm ± 120 ppm
Y5S: ± 22 %
Y5U: +22 %/-56 %
Impulse
voltage
3 pulses of 8 kV
No failure
VY1 472 M
Y1 500 ~
X1 760 ~
xxxx
250 ~
10
4 digit date code (year/week)
Sample
(2 sides)


Similar Part No. - VY1332M59Y5UG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1332M59Y5UG6V0 VISHAY-VY1332M59Y5UG6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1332M59Y5UG6V0 VISHAY-VY1332M59Y5UG6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results

Similar Description - VY1332M59Y5UG6V0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
VKP222MCQED0KR VISHAY-VKP222MCQED0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 02-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
WKP332MCPEJ0KR VISHAY-WKP332MCPEJ0KR Datasheet
144Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
VKP VISHAY-VKP Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
VY1152M41Y5UQ63V0 VISHAY-VY1152M41Y5UQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
VY1101K31Y5SQ63V0 VISHAY-VY1101K31Y5SQ63V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com