Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR3714TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLR3714TRPBF
Description   High Frequency Isolated DC-DC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3714TRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRLR3714TRPBF Datasheet HTML 3Page - International Rectifier IRLR3714TRPBF Datasheet HTML 4Page - International Rectifier IRLR3714TRPBF Datasheet HTML 5Page - International Rectifier IRLR3714TRPBF Datasheet HTML 6Page - International Rectifier IRLR3714TRPBF Datasheet HTML 7Page - International Rectifier IRLR3714TRPBF Datasheet HTML 8Page - International Rectifier IRLR3714TRPBF Datasheet HTML 9Page - International Rectifier IRLR3714TRPBF Datasheet HTML 10Page - International Rectifier IRLR3714TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRLR/U3714PbF
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Similar Part No. - IRLR3714TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3714 IRF-IRLR3714 Datasheet
121Kb / 10P
   SMPS MOSFET
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRLR3714Z IRF-IRLR3714Z Datasheet
259Kb / 11P
   HEXFET Power MOSFET
IRLR3714ZPBF IRF-IRLR3714ZPBF Datasheet
259Kb / 11P
   HEXFET Power MOSFET
IRLR3714ZPbF IRF-IRLR3714ZPbF Datasheet
268Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com