Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4UE-G1-MT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ASI4UE-G1-MT
Description  3.0 Compliant Universal AS-I IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4UE-G1-MT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ASI4UE-G1-MT Datasheet HTML 6Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 7Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 8Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 9Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 10Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 11Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 12Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 13Page - List of Unclassifed Manufacturers ASI4UE-G1-MT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 63
1
General Device Specification
1.1. Absolute Maximum Ratings (Non Operating)
Table 1: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit Note
V0V, VGND
Voltage reference
0
0
V
VASIP-ASIN
Voltage difference between ASIP and ASIN (VASIP - VASIN)
-0.3
40
V
1
VASIP-ASIN_P Pulse voltage between ASIP and ASIN (VASIP - VASIN)
-0.3
50
V
2
VASIP
Pulse voltage between ASIP and 0V (VASIP – V0V)
-0.3
50
V
2, 3
VASIN
Voltage between ASIN and 0V (VASIN – V0V)
-6.0
6.0
V
3
VUIN
Power supply input voltage
-0.3
40
V
VUIN_P
Pulse voltage at power supply input
-0.3
50
V
2
Vinputs1
Voltage at pins DI3 ... DI0, DO3 ... DO0, P3 ... P0, DSR, PST,
LED1, LED2, FID, IRD, UOUT
-0.3
VUOUT + 0.3 V
Vinputs2
Voltage at pins OSC1, OSC2, CAP, U5R
-0.3
7
V
Iin
Input current into any pin except supply pins
-50
50
mA
4
H
Humidity non-condensing
5
VHBM1
Electrostatic discharge – Human Body Model (HBM1)
3500
V
6
VHBM2
Electrostatic discharge – Human Body Model (HBM2)
2000
V
7
VEDM
Electrostatic discharge – Equipment Discharge Model (EDM)
400
V
8
STG
Storage temperature
-55
125
°C
Ptot
Total power dissipation
0.85
W
9
Rthj
Thermal resistance of SSOP 28 package
Thermal resistance of SOP 28 package
40
60
80
80
K/W
10
1
reverse polarity protection has to be performed
externally
2
pulse with
 50µs, repetition rate  0.5 Hz
3
VASIP-ASIN and VASIP-ASIN_P must not be violated
4
Latch-up resistance, reference pin is 0V
5
Level 3 according to JEDEC-020D is guaranteed
6
HBM1: C = 100pF charged to VHBM1 with resistor
R = 1.5k
 in series, valid for ASIP-ASIN only.
7
HBM2: C = 100pF charged to VHBM2 with resistor
R = 1.5k
 in series, valid for all pins except ASIP-
ASIN
8
EDM: C = 200pF charged to VEDM with no resistor
in series, valid for ASIP-ASIN only
9
at max. operating temperature, the allowed total
power dissipation depends on additional thermal
resistance from package to ambient and on the
operation ambient temperature as shown in Figure
1.
10 Single layer board, P
tot = 0.5W; air velocity = 0m/s  max. value; air velocity = 2.5m/s  min. value
Ptot = f (Ta); 1L / 2L = 1 layer / 2 layer PCB
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
-25
0
25
50
75
100
Ta
Ptot (2L)
Ptot (1L)
Figure 1: Ptot = f(
a)


Similar Part No. - ASI4UE-G1-MT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ASI4UE-G1-MT IDT-ASI4UE-G1-MT Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
More results

Similar Description - ASI4UE-G1-MT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
PHOENIX CONTACT
2773607 PHOENIX-2773607 Datasheet
67Kb / 4P
   AS-Interface (AS-i)-Gateway for PROFIBUS DP with extended function, double master, IP20 degree of protection, as per AS-i specification 3.0
logo
List of Unclassifed Man...
OCM14102-U2-D ETC2-OCM14102-U2-D Datasheet
1Mb / 4P
   PCIe 3.0 compliant
logo
Festo Corporation.
549045 FESTO-549045 Datasheet
100Kb / 2P
   AS-i module
8/10/22
549044 FESTO-549044 Datasheet
97Kb / 2P
   AS-i module
8/10/22
542125 FESTO-542125 Datasheet
80Kb / 1P
   AS-i module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com