Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4UE-E-G1-ST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASI4UE-E-G1-ST
Description  3.0 Compliant Universal AS-I IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4UE-E-G1-ST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASI4UE-E-G1-ST Datasheet HTML 1Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 2Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 3Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 4Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 5Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 6Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 7Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 8Page - List of Unclassifed Manufacturers ASI4UE-E-G1-ST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Typical Applications
 AS-I Master Modules
 AS-I Slave Modules
 AS-I Safety Modules
ASI4U Block Diagram
Ordering Information
Ordering Code
Type
Operating
Temperature
Range
Package Type
RoHS
Conform
Packaging
Minumum
Order Quantity
ASI4UE-G1-ST
Standard -25°C to +85°C
SSOP28 / 5.3mm
Y
Tube
(47 parts/tube)
470 pcs.
(10 tubes)
ASI4UE-G1-SR
Standard -25°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(1500 parts/reel)
1500 pcs.
(one reel)
ASI4UE-G1-SR-7
Standard -25°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(500 parts/reel)
500 pcs.
(one 7" reel)
ASI4UE-G1-MT
Master
-25°C to +85°C
SSOP28 / 5.3mm
Y
Tube
(47 parts/tube)
470 pcs.
(10 tubes)
ASI4UE-G1-MR
Master
-25°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(1500 parts/reel)
1500 pcs.
(one reel)
ASI4UE-E-G1-ST
Standard -25°C to +105°C
SOP28 / 300 mil
Y
Tube
(27 parts/tube)
270 pcs.
(10 tubes)
ASI4UE-E-G1-SR
Standard -25°C to +105°C
SOP28 / 300 mil
Y
Tape & Reel
(1000 parts/reel)
1000 pcs.
(one reel)
ASI4UE-F-G1-ST
Standard -40°C to +85°C
SSOP28 / 5.3mm
Y
Tube
(47 parts/tube)
470 pcs.
(10 tubes)
ASI4UE-F-G1-SR
Standard -40°C to +85°C
SSOP28 / 5.3mm
Y
Tape & Reel
(1500 parts/reel)
1500 pcs.
(one reel)
Sales and Further Information
www.zmdi.com
asi@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korean Office
POSCO Centre Building
West Tower, 11th Floor
892 Daechi, 4-Dong,
Kangnam-Gu
Seoul, 135-777
Korea
Phone +49.351.8822.7274
Fax +49.351.8822.87274
Phone +855-ASK-ZMDI
(+855.275.9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.2.559.0660
Fax
+82.2.559.0700
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or
any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.


Similar Part No. - ASI4UE-E-G1-ST

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ASI4UE-E-G1-ST IDT-ASI4UE-E-G1-ST Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
More results

Similar Description - ASI4UE-E-G1-ST

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
PHOENIX CONTACT
2773607 PHOENIX-2773607 Datasheet
67Kb / 4P
   AS-Interface (AS-i)-Gateway for PROFIBUS DP with extended function, double master, IP20 degree of protection, as per AS-i specification 3.0
logo
List of Unclassifed Man...
OCM14102-U2-D ETC2-OCM14102-U2-D Datasheet
1Mb / 4P
   PCIe 3.0 compliant
logo
Festo Corporation.
549045 FESTO-549045 Datasheet
100Kb / 2P
   AS-i module
8/10/22
549044 FESTO-549044 Datasheet
97Kb / 2P
   AS-i module
8/10/22
542125 FESTO-542125 Datasheet
80Kb / 1P
   AS-i module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com